Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 8 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 8 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 4Page - ASIX Electronics Corporation AX58100 Datasheet HTML 5Page - ASIX Electronics Corporation AX58100 Datasheet HTML 6Page - ASIX Electronics Corporation AX58100 Datasheet HTML 7Page - ASIX Electronics Corporation AX58100 Datasheet HTML 8Page - ASIX Electronics Corporation AX58100 Datasheet HTML 9Page - ASIX Electronics Corporation AX58100 Datasheet HTML 10Page - ASIX Electronics Corporation AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8
AX58100
EtherCAT Slave Controller
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
1 Introduction
General Description
The AX58100 is a 2/3-port EtherCAT Slave Controller (ESC), licensed from Beckhoff Automation, with two integrated
Fast Ethernet PHYs which support 100Mbps full-duplex operation and HP Auto-MDIX. The AX58100 supports the
CANopen over EtherCAT (CoE), File Access over EtherCAT (FoE), Vendor Specific-protocol over
EtherCAT (VoE), etc. standard EtherCAT protocols and provides a cost-effective solution for industrial automation,
motion/motor/digital I/O control, Digital to Analog (DAC)/Analog to Digital (ADC) converters control, sensors data
acquisition, robotics, etc. industrial fieldbus applications.
The AX58100 provides either a three-channel PWM controller or a Step/Direction controller, and an Increment/Hall
encoder interface for closed-loop motor control; a SPI master controller for DAC/ADC converter control and sensors data
acquisition; 32 DIOs for industrial I/O control and an I/O watchdog for functional safety.
The AX58100 provides two Process Data Interfaces (PDI), SPI slave and Local Bus, support the connection with most
popular MCU and DSP on those traditional non-EtherCAT fieldbus applications. The AX58100 provides two memory
spaces, ESC and Function, designers can use chip select to decide to access which one. The bridge will synchronize two
memory spaces’ contents for EtherCAT Master to remotely control AX58100 functions (PWM, SPI master etc.). The
AX58100 reports the ESC and Functions interrupt events to interrupt status registers and supports level or edge interrupt
trigger mode to inform external MCU/DSP to manage these ESC and Functions interrupt events. AX58100 supports a
configurable individual function SPI slave interface to enhance SPI slave bandwidth.
The AX58100, in 80-pin LQFP with EPAD, supports the RoHS compliant package and industrial grade operating
temperature range from -40 to 105°C.
Block Diagram
Figure 1-1: AX58100 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com