Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 6Page - ASIX Electronics Corporation AX58100 Datasheet HTML 7Page - ASIX Electronics Corporation AX58100 Datasheet HTML 8Page - ASIX Electronics Corporation AX58100 Datasheet HTML 9Page - ASIX Electronics Corporation AX58100 Datasheet HTML 10Page - ASIX Electronics Corporation AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
10
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Signal Description
Following abbreviations are used in “Type” column of below pin description tables. Note that some I/O pins with
multiple signal definitions on the same pin may have different attributes in “Type” column for different signal
definition.
AB
Analog Bi-directional I/O
PU
Internal Pull-Up (75K)
AI
Analog Input
PD
Internal Pull-Down (75K)
AO
Analog Output
P
Power/Ground pin
B5
Bi-directional I/O, 3.3V with 5V tolerant
S
Schmitt Trigger
I5
Input, 3.3V with 5V tolerant
T
Tri-state
O5
Output, 3.3V with 5V tolerant
4m
4mA driving strength
I3
Input, 3.3V
8m
8mA driving strength
O3
Output, 3.3V
For example, pin 6 in AX58100 package can be LAT_IN, MISO or LRDY. If LAT_IN is selected, its Type is I5; if
MISO or LRDY is selected, its Type is O5 or O5/T. In other words, the T (tri-state) only takes effect in
LRDYsignal mode while LT_IN and MISO signal mode doesn’t. Users should refer to the table specific to the
desired function for exact pin type definition.
The multi-function pin settings are configured by the I2C Hardware Configuration EEPROM (HWCFGEE). Please
refer to Section 3.2 in detailed.
1.4.1
General
Pin Name
Type
Pin No
Pin Description
TEST
I5/PD/S
59
Test mode enable
For normal operation, please always tie to logic low or NC.
RSTn
I5/PU/S
57
Reset Input, active low
RST_N is the hardware reset input used to reset this chip. This input is AND
with internal Power-On-Reset (POR) circuit, which generates the main
system reset for this chip
RSTO
O5/8m
58
Reset Output
XSCI
AI
31
Crystal 25MHz Input
XSCO
AB
30
Crystal 25MHz Output
SCL
O5/T/4m/
S
62
I2C Serial Clock line for I2C master controller.
SCL is a tri-stateable output, which requires an external pull-up resistor.
SDA
B5/T/4m/
S
63
I2C Serial Data line for I2C master controller.
SDA is a tri-stateable output, which requires an external pull-up resistor.
PDI_EMU
I5
61
PDI Emulation enable
EEP_DONE
O5/8m
21
EEPROM is loaded, PDI is active
LED_RUN\
EEP_SIZE
B5/4m
19
RUN LED
This pin is input direction during chip reset stage used to bootstrap the mode
setting to decide the EEPROM size configuration, please refer to Section 3.1
LED_ERR\
3PORT_MODE
B5/4m
20
Error LED
This pin is input direction during chip reset stage used to bootstrap the mode
setting to decide the Port 2 MII enable configuration, please refer to Section
3.1
SYNC_LATCH[0] B5/8m
2
Distributed Clocks SyncSignal output or LatchSignal input 0
SYNC_LATCH[1] B5/8m
3
Distributed Clocks SyncSignal output or LatchSignal input 1
NC
I3
56
Reserved. Please connect to GND.
Table 1-1: Common Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com