Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 25Page - ASIX Electronics Corporation AX58100 Datasheet HTML 26Page - ASIX Electronics Corporation AX58100 Datasheet HTML 27Page - ASIX Electronics Corporation AX58100 Datasheet HTML 28Page - ASIX Electronics Corporation AX58100 Datasheet HTML 29Page - ASIX Electronics Corporation AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
29
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
DC – Receive Times
0x0900
4
Receive Time Port 0
0x0904
4
Receive Time Port 1
0x0908
4
Receive Time Port 2
0x090C
4
Receive Time Port 3
DC – Time Loop Control Unit
0x0910
4(W)/8(R) System Time
0x0918
8
Receive Time ECAT Processing Unit
0x0920
8
System Time Offset
0x0928
4
System Time Delay
0x092C
4
System Time Difference
0x0930
2
Speed Counter Start
0x0932
2
Speed Counter Diff
0x0934
1
System Time Difference Filter Depth
0x0935
1
Speed Counter Filter Depth
DC – Cyclic Unit Control
0x0980
1
Cyclic Unit Control
DC – SYNC Out Unit
0x0981
1
Activation
0x0982
2
Pulse Length of SyncSignals
0x0984
1
Activation Status
0x098E
1
SYNC0 Status
0x098F
1
SYNC1 Status
0x0990
8
Start Time Cyclic Operation/Next SYNC0 Pulse
0x0998
8
Next SYNC1 Pulse
0x09A0
4
SYNC0 Cycle Time
0x09A4
4
SYNC1 Cycle Time
DC – Latch In Unit
0x09A8
1
Latch0 Control
0x09A9
1
Latch1 Control
0x09AE
1
Latch0 Status
0x09AF
1
Latch1 Status
0x09B0
8
Latch0 Time Positive Edge
0x09B8
8
Latch0 Time Negative Edge
0x09C0
8
Latch1 Time Positive Edge
0x09C8
8
Latch1 Time Negative Edge
DC – SyncManager Event Times
0x09F0
4
EtherCAT Buffer Change Event Time
0x09F8
4
PDI Buffer Start Event Time
0x09FC
4
PDI Buffer Change Event Time
ESC specific
0x0E00
8
Product ID
0x0E08
8
Vendor ID
Digital Input/Output
0x0F00
4
Digital I/O Output Data
0x0F10
4
General Purpose Outputs
0x0F18
4
General Purpose Inputs
User RAM/Extended ESC features
0x0F80
128
User RAM/Extended ESC Features
Process Data RAM
0x1000
4
Digital I/O Input Data
0x1000
8KB
Process Data RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com