Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 27Page - ASIX Electronics Corporation AX58100 Datasheet HTML 28Page - ASIX Electronics Corporation AX58100 Datasheet HTML 29Page - ASIX Electronics Corporation AX58100 Datasheet HTML 30Page - ASIX Electronics Corporation AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
31
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
0x30D8
8
SPI Channel 5 Data Register
0x30E0
8
SPI Channel 6 Data Register
0x30E8
8
SPI Channel 7 Data Register
0x30F2
2
SPI Master Control Register
0x3100
2
Interrupt Configure Register
0x3102
2
Interrupt Status Register
Read Only
0x3230
4
Step Counter Content Register
0x3248
4
Encoder Latched Register
0x3250
2
Hall State Register
0x327C
4
Watchdog Timer Peak Value Register
0x32A8
2
SPI Interrupt Status Register
0x32AA
2
SPI Timeout Status Register
0x32AC
2
SPI Pulse Overrun Status Register
0x32AE
2
SPI Data Status Register
0x32B0
8
SPI Channel 0 Data Register
0x32B8
8
SPI Channel 1 Data Register
0x32C0
8
SPI Channel 2 Data Register
0x32C8
8
SPI Channel 3 Data Register
0x32D0
8
SPI Channel 4 Data Register
0x32D8
8
SPI Channel 5 Data Register
0x32E0
8
SPI Channel 6 Data Register
0x32E8
8
SPI Channel 7 Data Register
0x32F0
2
SPI Data Status Mirror Register
Table 3-2: ESC Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com