Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 57 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 57 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 53Page - ASIX Electronics Corporation AX58100 Datasheet HTML 54Page - ASIX Electronics Corporation AX58100 Datasheet HTML 55Page - ASIX Electronics Corporation AX58100 Datasheet HTML 56Page - ASIX Electronics Corporation AX58100 Datasheet HTML 57Page - ASIX Electronics Corporation AX58100 Datasheet HTML 58Page - ASIX Electronics Corporation AX58100 Datasheet HTML 59Page - ASIX Electronics Corporation AX58100 Datasheet HTML 60Page - ASIX Electronics Corporation AX58100 Datasheet HTML 61Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
57
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Symbol
Description
Min
Typ
Max
Units
TCS_to_BUSY
BUSY driven and valid after CS
assertion
-
-
45
ns
TADR_BHE_setup
ADR and BHE valid before RD assertion
0
-
-
ns
TRD_to_DATA_driven
DATA bus driven after RD assertion
0
-
-
ns
TRD_to_BUSY
BUSY asserted after RD assertion
0
-
10
ns
Tread
External read time (RD assertion to BUSY deassertion) with normal read busy
output (0x0152[0]). Additional 20 ns if delayed read busy output is configured.
ns
without preceding write access or
TWR_to_RD ≥ Tprec_write + TColl or
configuration: write after falling edge of
WR
-
-
Tread_int
with preceding write access and
TWR_to_RD < Tprec_write + TColl
-
-
Tread_int +
Tprec_write +
TColl -
TWR_to_RD
8-bit access, absolute worst case
with preceding write access
(TWR_to_RD=min, Tprec_write =max,
TColl=max)
-
-
420
16-bit access, absolute worst case with
preceding write access
(TWR_to_RD=min, Tprec_write =max,
TColl=max)
-
-
560
T
read_int
Internal read
time
8-bit access
-
-
220
ns
16-bit access
300
T
prec_write
Time for
preceding write
access
8-bit access
-
-
180
ns
16-bit access
260
TBUSY_to_DATA_valid
DATA bus valid
after device
BUSY is
deasserted
normal read busy output
-
-
5
ns
delayed read busy
output
-15
T
ADR_BHE_to_DATA_invalid DATA invalid after ADR or BHE change
0
-
-
ns
T
CS_RD_to_DATA_release
DATA bus released after CS deassertion
or RD deassertion
2.5
-
7.5
ns
T
CS_to_BUSY_release
BUSY released after CS deassertion
2.5
-
8.5
ns
T
CS_delay
Delay between CS deassertion an
assertion
5
-
-
ns
T
RD_delay
Delay between RD deassertion
and assertion
5
-
-
ns
T
ADR_BHE_DATA_setup
ADR, BHE and Write DATA valid before
WR deassertion
6.5
-
-
ns
T
ADR_BHE_DATA_hold
ADR, BHE and Write DATA valid after
WR deassertion
2
-
-
ns
T
WR_active
WR assertion time
8.5
-
-
ns
T
BUSY_to_WR_CS
WR or CS deassertion after BUSY
deassertion
0
-
-
ns
T
WR_to_BUSY
BUSY assertion after WR deassertion
-
-
12
ns
T
write
External write time (WR assertion to BUSY deassertion)
ns
Configuration: write after falling edge of
WR (act. low)
0
-
Twrite_int
with preceding write access and
-
Twrite_int -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com