Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation AX58100 Datasheet HTML 16Page - ASIX Electronics Corporation AX58100 Datasheet HTML 17Page - ASIX Electronics Corporation AX58100 Datasheet HTML 18Page - ASIX Electronics Corporation AX58100 Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
15
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
2 Function Description
Clocks/Resets
The AX58100 requires a crystal (25MHz, ±25 PPM at room temperature) as the clock source, internal PLL
generates the 100MHz clock for EtherCAT Slave Controller (ESC) and others function used.
The AX58100 have three reset sources, during the VCCK power-on, the internal Power-On-Reset (POR) can
generate a reset pulse to reset all the function blocks when the VCCK power pin rise to a certain threshold voltage
level. Second reset is RSTn pin to do the fundamental reset. And third, EtherCAT command reset, the EtherCAT
master can sent reset sequence to force AX58100 reset. AX58100 also supports a reset output RSTO polarity
bootstrap configuration (RSTO_POL).
EtherCAT Slave Controller (ESC)
The AX58100 implements a 3-port EtherCAT slave controller (ESC), licensed from Beckhoff Automation, with 9
Kbytes Process Data RAM, 8 Fieldbus Memory Management Units (FMMUs), 8 Sync-Managers and a 64-bit
Distributed Clock.
Port 0 and 1 integrate embedded Ethernet PHYs, and port 2 is an optional MII interface which are multi-function
pins shared with others interfaces (i.e. PWM, Hall, Local Bus, Digital I/O). Packets are forwarded in the following
order: Port 0->EtherCAT Processing Unit->Port 1->Port 2.
The Process Data Interface (PDI, also name host interface) provides SPI slave, asynchronous 8/16-bit
microcontroller interface (also name Asynchronous Local Bus) and Digital I/O. The SPI slave and asynchronous
8/16-bit Local Bus interface will be used when external MCU in employed the slave system, and the Digital I/O is
used for when direct I/O control.
The AX58100 supports function register mirror from/to ESC memory space, the mirror registers located at process
data memory address from 0x3000 to 0x33FF.
For detailed information on the EtherCAT technology, the EtherCAT core mechanisms, and major features we
refer to the official standard documentations and guidelines available from ETG (www.ethercat.org, ETG.1000),
IEC (http://www.iec.ch, IEC61158, IEC61784-2, IEC 61800-7), and Beckhoff (http://www.beckhoff.de, technical
specification) web sites.
Ethernet PHY
The AX58100 embedded two DSP-based Ethernet PHYs, fully compliant with the 100BASE-TX and
100BASE-FX Ethernet standards such as IEEE 802.3u, and ANSI X3.263-1995 (FDDI-TP-PMD). In copper
mode supports the MDI/MDIX auto-crossover function (HP Auto-MDIX).
Bridge Function
The AX58100 has two memory spaces, one for ESC and one for AX58100 specified functions. The bridge handles
data synchronization between ESC’s memory and function registers, use EthterCAT packet’s SOF, EOF, ESC
control signal, SYNCx and LATx, PDI chip select (ESC and function) asserts and de-assert, the PWM cycle starts,
register writes and register data change, total 13 sources synchronize two space’s register content. Each function
mirror could be enabled independent, the interrupt related registers mirror (INTCR and INTSR) are also enabled
when any function mirror is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com