Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 7Page - ASIX Electronics Corporation AX58100 Datasheet HTML 8Page - ASIX Electronics Corporation AX58100 Datasheet HTML 9Page - ASIX Electronics Corporation AX58100 Datasheet HTML 10Page - ASIX Electronics Corporation AX58100 Datasheet HTML 11Page - ASIX Electronics Corporation AX58100 Datasheet HTML 12Page - ASIX Electronics Corporation AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
11
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
Pin Name
Type
Pin No
Pin Description
P0_TXOP
AB
38
PHY 0 differential Transmitted Positive signal
In the copper mode, the differential data is transmitted to the media on the
TXOP/TXON signal pair in the MDI mode.
In the fiber mode, the signal pair should be connected to the TX+/TX- pin of the
fiber transceiver.
P0_TXON
AB
37
PHY 0 differential Transmitted Negative signal
P0_RXIP
AB
36
PHY 0 differential Received Positive signal
In the copper mode, the differential data from the media is received on the
RXIP/RXIN signal pair in the MDI mode.
In the fiber mode, the signal pair should be connected to the RX+/RX- pin of the
fiber transceiver.
P0_RXIN
AB
35
PHY 0 differential Received Negative signal
P0_SD
AB
34
PHY 0 fiber mode Signal Detect
SD < 0.2V, Copper mode-
1.0V < SD < 1.8V, Fiber mode without detected signal. Generate far-end fault
SD > 2.4V, Fiber mode with detected signal
P0_ACT\
P0_FIBER
B5/4m
40
PHY 0 Link/Activity LED
This pin is input direction during chip reset stage used to bootstrap the mode
setting to decide the PHY 0 media mode, please refer to Section 3.1
P1_TXOP
AB
23
PHY 1 differential Transmitted Positive signal
Same as PHY0 TXOP/ON description
P1_TXON
AB
24
PHY 1 differential Transmitted Negative signal
P1_RXIP
AB
25
PHY 1 differential Received Positive signal
Same as PHY0 RXIP/IN description
P1_RXIN
AB
26
PHY 1 differential Received Negative signal
P1_SD
AB
27
PHY 1 fiber mode Signal Detect
Same P0_SD description
P1_ACT\
P1_FIBER
B5/4m
41
PHY 1 Link/Activity LED
This pin is input direction during chip reset stage used to bootstrap the mode
setting to decide the PHY 1 media mode, please refer to Section 3.1
RSET_BG
AO
33
PHY off-chip Bias Resistor
Connects an external resistor of 12 KΩ ± 1% to the PCB analog ground.
Table 1-2: Ethernet PHY Pin Description
Pin Name
Type
Pin No
Pin Description
VCC3IO
P
10, 45,
65, 77
Digital Power for I/O pins, 3.3V
Please add a 0.1uF bypass capacitor between each VCC3IO and GND.
VCCK
P
5, 16, 29,
46, 55, 72
Digital Power for core, 1.2V
Please add a 0.1uF bypass capacitor between each VCCK and GND.
VCC33A
P
22, 28,
32, 39
Analog Power for Ethernet PHY, 3.3V
Please add a 0.1uF bypass capacitor between VCC33A and GND.
VCC12A_PLL
P
54
Analog Power for PLL, 1.2V.
Please add a 0.1uF bypass capacitor between VCC12A_PLL and GND.
GND
P
EPAD
Ground for all Analog and Digital Power.
Table 1-3: Power/Ground Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com