Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 13Page - ASIX Electronics Corporation AX58100 Datasheet HTML 14Page - ASIX Electronics Corporation AX58100 Datasheet HTML 15Page - ASIX Electronics Corporation AX58100 Datasheet HTML 16Page - ASIX Electronics Corporation AX58100 Datasheet HTML 17Page - ASIX Electronics Corporation AX58100 Datasheet HTML 18Page - ASIX Electronics Corporation AX58100 Datasheet HTML 19Page - ASIX Electronics Corporation AX58100 Datasheet HTML 20Page - ASIX Electronics Corporation AX58100 Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
17
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
3 Chip Configuration and Memory Map Description
Bootstrap Pins for Chip Configuration
The AX58100 supports five multi-function bootstrap pins (pin 19, 20, 58, 40, and 41) for five hardware
configurations, i.e. external I2C EEPROM size, ESC supported port number, RSTO polarity and integrated port 0/1
PHY media mode; and supports other three multi-function bootstrap pins (pin 42, 52, 66) for the configuration of
port 2 MII signals. User needs to utilize an external resistor to pull up / down these bootstrap pins.
Pins
Signal Name
Description
19
EEP_SIZE
I2C EEPROM Size
0: 1 Kbit to 16Kbit
1: 32Kbit to 4Mbit
20
3PORT_MODE
ESC port number
0: 2 ports mode
1: 3 ports mode
58
RSTO_POL
RSTO Reset Output Polarity
0:Active Low
1:Active High
40
P0_FIBER
Port 0 PHY media mode
0: Copper mode
1: Fiber mode
41
P1_FIBER
Port 1 PHY Media mode
0: Copper mode
1: Fiber mode
66
TX_SH[1]
Port 2 MII TXD Align position
2‘b00: Align with MCLK,
2’b01: Delay 1/4 phase with MCLK
2’b10: Delay 1/2 phase with MCLK
2’b11: Delay 3/4 phase with MCLK
42
TX_SH[0]
52
LINK_POL
Port 2 MII LINK Polarity
0:Active Low
1:Active High
Table 3-1: Bootstrap Pins Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com