Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 20Page - ASIX Electronics Corporation AX58100 Datasheet HTML 21Page - ASIX Electronics Corporation AX58100 Datasheet HTML 22Page - ASIX Electronics Corporation AX58100 Datasheet HTML 23Page - ASIX Electronics Corporation AX58100 Datasheet HTML 24Page - ASIX Electronics Corporation AX58100 Datasheet HTML 25Page - ASIX Electronics Corporation AX58100 Datasheet HTML 26Page - ASIX Electronics Corporation AX58100 Datasheet HTML 27Page - ASIX Electronics Corporation AX58100 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
24
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
6
IO[21:16] Driving Select:
0: 4mA
1: 8mA
7
IO[31:22] Driving Select:
0: 4mA
1: 8mA
Note: When MII port 2 enable, the IO[31:16] pins are forced to MII port 2
Checksum (0x0F - 0x0E)
Bit
Description
15: 0
Checksum
Low byte contains remainder of division of EEPROM offset 0x00 to 0x0D as unsigned number
divided by the polynomial X^8+X^2+X+1 (initial value 0xFF)
For debugging purposes, it is possible to disable the checksum validation with a checksum value
of 0x88A4. Note that NEVER use this for production!
Category 1 Type (0x81 - 0x80)
Bit
Description
15:0
Category 1 Type
MUST be 0x0001
Category 1 Data Size (0x83 - 0x82)
Bit
Description
15:0
Category 1 Data Size (words)
MUST be 0x0021
MCTLR Access Control (0x84)
Bit
Description
3:0
Sync. Source Select
0x0: Always triggered
0x1: Start Of Frame (SOF)
0x2: End Of Frame (EOF)
0x3: SYNC0 signal
0x4: LATCH0 signal
0x5: SYNC1 signal
0x6: LATCH1 signal
0x7: After write access
0x8: Trigger when data value changes
0x9: PDI Chip Select Assert
0xA: PDI Chip Select De-assert
0xB: FUNC Chip Select Assert
0xC: FUNC Chip Select De-assert
0xD: Trigger at start of MFC PWM cycle
Others: Always triggered
4
ESC Access Enable
0: Writeable with Function Host Interface
1: Writeable with ESC
7:5
Reserved
The Bit Definitions of the other parameters from EEPROM offset 0x85 to 0xC4 are the same as the Bit Definitions
of EEPROM offset 0x84.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com