Electronic Components Datasheet Search
  English  ▼

X  

AX58100 Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX58100
Description  EtherCAT Slave Controller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58100 Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX58100 Datasheet HTML 31Page - ASIX Electronics Corporation AX58100 Datasheet HTML 32Page - ASIX Electronics Corporation AX58100 Datasheet HTML 33Page - ASIX Electronics Corporation AX58100 Datasheet HTML 34Page - ASIX Electronics Corporation AX58100 Datasheet HTML 35Page - ASIX Electronics Corporation AX58100 Datasheet HTML 36Page - ASIX Electronics Corporation AX58100 Datasheet HTML 37Page - ASIX Electronics Corporation AX58100 Datasheet HTML 38Page - ASIX Electronics Corporation AX58100 Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
35
Copyright © 2018-2019 ASIX Electronics Corporation. All rights reserved.
AX58100
EtherCAT Slave Controller
0x084
0x3084
-
SPIDBSR
SPI Delay Byte and SS Register
0x086
0x3086
-
SPIDTR
SPI Delay Transfer Register
0x088
0x3088
-
SPIRPTR
SPI RDY / Pulse Time Register
0x08A
0x308A
-
SPILTR
SPI LDAC Time Register
0x08C
0x308C
-
SPIPRLR
SPI Pulse/ RDY/ LDAC Register
0x090
0x3090
-
SPI01BCR
SPI 0/1 Byte Count Register
0x092
0x3092
-
SPI23BCR
SPI 2/3 Byte Count Register
0x094
0x3094
-
SPI45BCR
SPI 4/5 Byte Count Register
0x096
0x3096
-
SPI67BCR
SPI 6/7 Byte Count Register
0x098
0x3098
-
SPI03SSR
SPI 0/1/2/3 slave Select Register
0x09A
0x309A
-
SPI47SSR
SPI 4/5/6/7 slave Select Register
0x0A8
-
0x32A8
SPINTSR
SPI Interrupt Status Register
0x0AA
-
0x32AA
SPITSR
SPI Timeout Status Register
0x0AC
-
0x32AC
SPIPOSR
SPI Pulse Overrun Status Register
0x0AE
-
0x32AE
SPIDSR
SPI Data Status Register
0x0B0
0x30B0
0x32B0
SPIC0DR
SPI Channel 0 Data Register
0x0B8
0x30B8
0x32B8
SPIC1DR
SPI Channel 1 Data Register
0x0C0
0x30C0
0x32C0
SPIC2DR
SPI Channel 2 Data Register
0x0C8
0x30C8
0x32C8
SPIC3DR
SPI Channel 3 Data Register
0x0D0
0x30D0
0x32D0
SPIC4DR
SPI Channel 4 Data Register
0x0D8
0x30D8
0x32D8
SPIC5DR
SPI Channel 5 Data Register
0x0E0
0x30E0
0x32E0
SPIC6DR
SPI Channel 6 Data Register
0x0E8
0x30E8
0x32E8
SPIC7DR
SPI Channel 7 Data Register
0x0F0
-
0x32F0
SPIDSMR
SPI Data Status Mirror Register
0x0F2
0x30F2
-
SPIMCR
SPI Master Control Register
0x100
0x3100
-
INTCR
Interrupt Configure Register
0x102
0x3102
-
INTSR
Interrupt Status Register
Table 3-4: ESC Memory and Function Regiters Mirror Mapping Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com