Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 147 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 147 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 143Page - ASIX Electronics Corporation AX58200 Datasheet HTML 144Page - ASIX Electronics Corporation AX58200 Datasheet HTML 145Page - ASIX Electronics Corporation AX58200 Datasheet HTML 146Page - ASIX Electronics Corporation AX58200 Datasheet HTML 147Page - ASIX Electronics Corporation AX58200 Datasheet HTML 148Page - ASIX Electronics Corporation AX58200 Datasheet HTML 149Page - ASIX Electronics Corporation AX58200 Datasheet HTML 150Page - ASIX Electronics Corporation AX58200 Datasheet HTML 151Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 180 page
background image
147
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
3.11.3 I2S Dynamic Characteristics
Symbol
Parameter
Min
Max
Unit
Test Conditions
tw(CKH)
I2S clock high time
40
-
ns
Master fPCLK = MHz, data: 24 bits, audio
frequency = 256 KHz
tw(CKL)
I2S clock low time
40
-
tv(WS)
WS valid time
4
16
Master mode
th(WS)
WS hold time
1
-
Master mode
tsu(WS)
WS setup time
24
-
Slave mode
th(WS)
WS hold time
0
-
Slave mode
DuCy(SCK)
I2S slave input clock
duty cycle
30
70
%
Slave mode
tsu(SD_MR)
Data input setup time
10
-
ns
Master receiver
tsu(SD_SR)
7
-
Slave receiver
th(SD_MR)
Data input hold time
7
-
Master receiver
th(SD_SR)
4
-
Slave receiver
tv(SD_ST)
Data output valid time
-
10
Slave transmitter (after enable edge)
th(SD_ST)
Data output hold time
4
-
Slave transmitter (after enable edge)
tv(SD_MT)
Data output valid time
-
4
Master transmitter (after enable edge)
th(SD_MT)
Data output hold time
0
-
Master transmitter (after enable edge)
tw(CKH)
tw(CKL)
th(WS)
tv(WS)
th(SD_ST)
LSB transmit
(2)
MSB transmit
Bitn transmit
LSB transmit
LSB receive
(2)
MSB receive
Bitn receive
LSB receive
tsu(SD_MR)
th(SD_MR)
SDtransmit
SDreceive
WS output
CPOL = 1
CPOL = 0
tv(SD_ST)
Figure 3.11-4 I2S Master Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com