Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 42Page - Cirrus Logic CS98200 Datasheet HTML 43Page - Cirrus Logic CS98200 Datasheet HTML 44Page - Cirrus Logic CS98200 Datasheet HTML 45Page - Cirrus Logic CS98200 Datasheet HTML 46Page - Cirrus Logic CS98200 Datasheet HTML 47Page - Cirrus Logic CS98200 Datasheet HTML 48Page - Cirrus Logic CS98200 Datasheet HTML 49Page - Cirrus Logic CS98200 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
46
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
184
DVD_D_6
B4
Primary DVD Data[6]
I
(1.) Secondary Video_In Data[6]
(2.) GPIO_DVD[6]
(3.) Secondary Host Slave Data[6]
I
B
B
185
DVD_D_7
B4
Primary DVD Data[7]
I
(1.) Secondary Video_In Data[7]
(2.) GPIO_DVD[7]
(3.) Secondary Host Slave Data[7]
I
B
B
186
H_CS_0
B4
Host Master Chip_Select[0]
O
(1.) Secondary DVD Start Sector
(2.) GPIO_HST[21]
(3.) Primary Host Slave Chip Select
I
B
I
187
H_CS_1
B4
Host Master Chip_Select[1]
O
(1) Secondary DVD Error
(2.) GPIO_HST[22]
I
B
188
IO_3V3
Pwr
IO Power 3.3 V
189
H_CS_2
B4
Host Master Chip_Select[2]
O
GPIO_HST[23]
B
190
IO_GND
Gnd
IO Ground
191
H_CS_3
B4
Host Master Chip_Select[3]
O
GPIO_HST[24]
B
192
H_RD
B4
Host Master Read
O
(1.) Secondary DVD Ready
(2.) GPIO_HST[25]
(3.) Primary Host Slave Read
O
B
I
193
H_WR
B4
Host Master Write
O
(1.) Secondary DVD Data Enable
(2.) GPIO_HST[26]
(3.) Primary Host Slave Write
I
B
I
194
H_RDY
B4S
Host Master Ready
I
(1.) Secondary DVD Data Strobe
(2.) GPIO_HST[27]
(3.) Primary Host Slave Ready
I
B
O
195
SPI_CLK
B4S
SPI Clock
B
GPIO_MIS[2]
B
196
SPI_DO
B4
SPI Data Out/InOut
B
GPIO_MIS[3]
B
197
SPI_DI
B4
SPI Data In
I
GPIO_MIS[4]
B
198
SPI_RDY
B4
SPI Ready / Chip Select
B
GPIO_MIS[5]
O
199
AUDI_D
B4
PCM Input Data
I
GPIO_MIS[15]
B
200
AUDI_LR
B4
PCM LR Clock
I
GPIO_MIS[16]
B
201
AUDI_BCK
B4S
PCM Input Clock
I
(1.) Aud_Pll_Aux_FIN[0]
(2.) GPIO_MIS[17]
(3.) AudioOut_Mute
I
B
O
202
DAC_AGND
Gnd
Analog Ground
203
DAC_D1V8
Pwr
Digital Power 1.8 V
204
DAC_DGND
Gnd
Digital Ground
205
UB_OUT
Anlg
UB_OUT_1
206
DAC_A3V3
Pwr
Analog Power 3.3 V
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com