Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 38Page - Cirrus Logic CS98200 Datasheet HTML 39Page - Cirrus Logic CS98200 Datasheet HTML 40Page - Cirrus Logic CS98200 Datasheet HTML 41Page - Cirrus Logic CS98200 Datasheet HTML 42Page - Cirrus Logic CS98200 Datasheet HTML 43Page - Cirrus Logic CS98200 Datasheet HTML 44Page - Cirrus Logic CS98200 Datasheet HTML 45Page - Cirrus Logic CS98200 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
42
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
102
VIN_D_4
B4
Primary Video_In Data[4]
I
(1.) Secondary Video_Out Data[4]
(2.) GPIO_VIS[4]
O
B
103
VIN_D_5
B4
Primary Video_In Data[5]
I
(1.) Secondary Video_Out Data[5]
(2.) GPIO_VIS[5]
O
B
104
VIN_D_6
B4
Primary Video_In Data[6]
I
(1.) Secondary Video_Out Data[6]
(2.) GPIO_VIS[6]
O
B
105
IO_3V3
Pwr
IO Power 3.3 V
106
VIN_D_7
B4
Primary Video_In Data[7]
I
(1.) Secondary Video_Out Data[7]
(2.) GPIO_VIS[7]
O
B
107
SCL1
B4SU
I
2C Debug Slave
B
108
SDA1
B4SU
I
2C Debug Slave
B
109
SCL2
B4SU
I2C Master/Simple Slave
B
GPIO_MIS[0]
B
110
SDA2
B4SU
I2C Master/Simple Slave
B
GPIO_MIS[1]
B
111
TXD_1
B4
UART1 Tx Data
O
GPIO_MIS[6]
B
112
RXD_1
B4
UART1 Rx Data
I
GPIO_MIS[7]
B
113
TXD_2
B4
UART2 Tx Data
O
GPIO_MIS[8]
B
114
RXD_2
B4
UART2 Rx Data
I
GPIO_MIS[9]
B
115
PWM_O
B4
PWM Output
O
GPIO_MIS[10]
B
116
DVD_RDY
B4
Prim. DVD Loader data Request
O
GPIO_DVD[12]
B
117
DVDL_DI
B4
Primary DVD Control Data In
I
(1.) Secondary Video_In Vsync
(2.) GPIO_DVD[13]
(3.) Secondary Host Slave Read
I
B
I
118
DVDL_DO
B4
Primary DVD Control Data Out
O
(1.) Secondary Video_In Hsync
(2.) GPIO_DVD[14]
(3.) Secondary Host Slave Write
I
B
I
119
DVDL_CK
B4S
Primary DVD Control Clock
O
(1.) Secondary Video_In Clock
(2.) GPIO_DVD[15]
(3.) Secondary Host Slave Ready
I
B
O
120
PLL_1V8
Pwr
PLL Power 1.8 V
121
PLL_GND
Gnd
PLL Ground
122
IO_GND
Gnd
IO Ground
123
H_D_0
B4
Host Master Data[0]
B
(1.) Secondary DVD Data[0]
(2.) GPIO_HST[0]
(3.) Primary Host Slave Data[0]
(4.) Primary Video_Out Data[0]
I
B
B
O
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com