Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 5Page - Cirrus Logic CS98200 Datasheet HTML 6Page - Cirrus Logic CS98200 Datasheet HTML 7Page - Cirrus Logic CS98200 Datasheet HTML 8Page - Cirrus Logic CS98200 Datasheet HTML 9Page - Cirrus Logic CS98200 Datasheet HTML 10Page - Cirrus Logic CS98200 Datasheet HTML 11Page - Cirrus Logic CS98200 Datasheet HTML 12Page - Cirrus Logic CS98200 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
9
CS98200
Next Generation DVD Processor
Differential Gain
DG
1
%
Differential Phase
DP
0.5
%
Signal to Noise
SNR
74
dB
Chrominance AM Noise
AM
80
dB
Chrominance PM Noise
PM
75
dB
1.Video parameters guaranteed only with 1% tolerance resistors or better for Rset and RLoad.
2.Only applies to each set of three DACs.
3.RLoad is a double terminated load, which includes a 75 Ω resistor at the video DAC and a 75Ω resistor at the video monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com