Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 47Page - Cirrus Logic CS98200 Datasheet HTML 48Page - Cirrus Logic CS98200 Datasheet HTML 49Page - Cirrus Logic CS98200 Datasheet HTML 50Page - Cirrus Logic CS98200 Datasheet HTML 51Page - Cirrus Logic CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
51
CS98200
Next Generation DVD Processor
8.5
Audio PCM Interface Pins
This is the audio PCM interface that connects to an audio CODEC. See Table 19. The sample rate and
the size of the samples are programmable for both input and output direction.
Pin
Signal Name
Type
Description
226
AUD_XCLK
B
Audio 256x/384x Clock input or output to Serial DAC. When
output, is generated from CS98200 internal PLL.
224
AUDO_BCK
O
Audio Bit Clock output to serial DAC.
222
AUDO_LR
O
Audio Out Left/Right Clock to serial DAC.
234
AUDO_D_0
O
Audio Serial Data Out[0].
227
AUDO_D_1
O
Audio Serial Data Out[1].
228
AUDO_D_2
O
Audio Serial Data Out[2].
229
AUDO_D_3
O
Audio Serial Data Out[3].
235
SPDIF_O
O
S/PDIF Output
201
AUDI_BCK
I
Audio Input Bit Clock. The CS98200 can be programmed to
use the Audio Output function’s internally generated bit
clock, in which case this pin is not required.
200
AUDI_LR
I
Audio Input Left/Right Clock. The CS98200 can be pro-
grammed to use the Audio Output function’s internally gen-
erated LR clock, in which case this pin is not required.
199
AUDI_D
I
Audio Input Data from Serial ADC.
Table 19. PCM Audio Interfa c e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com