Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 30Page - Cirrus Logic CS98200 Datasheet HTML 31Page - Cirrus Logic CS98200 Datasheet HTML 32Page - Cirrus Logic CS98200 Datasheet HTML 33Page - Cirrus Logic CS98200 Datasheet HTML 34Page - Cirrus Logic CS98200 Datasheet HTML 35Page - Cirrus Logic CS98200 Datasheet HTML 36Page - Cirrus Logic CS98200 Datasheet HTML 37Page - Cirrus Logic CS98200 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
34
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
5.12
Universal Asynchronous
Receiver/Transmitters (UARTs)
The UART performs serial-to-parallel conver-
sion on data characters received from a periph-
eral device and parallel-to-serial conversion on
data characters received from the host proces-
sor. Figure 22 shows RXD and TXD data trans-
fers over the UART interface.
The CS98200 has 2 UART interfaces based on a
NS16550-compatible design, which incorpo-
rates 16-byte transmit and receive FIFOs to en-
hance performance and throughput. As with
the 16650, it can operate in both FIFO-mode
(16550) or in the original non-FIFO mode
(16450). The main registers are identical in
structure to the NS16550, but some unused bits
have been enabled for added functionality.
The standard features are:
• Compatible with 16450 UART
• 16-byte transmit and receive FIFOs reduce
number of interrupts presented to CPU
• Generates and detects standard asynchronous
communication bits (start, stop and parity) to
and from serial data
• Independently controlled transmit, receive, line
status and data set interrupts
• Programmable baud rate generator (16 bit
divisor)
• Modem control interface (CTS, RTS, DSR, DTR,
RI and DCD)
• Fully programmable serial-interface
characteristics:
— 5, 6, 7 or 8 bit characters
— Even, odd or no-parity bit
generation/detection
— 1, 1½, or 2 stop bit generation
• False start bit detection
• Complete status reporting capabilities
• Line break generation and detection
• Internal loopback diagnostic mode
• Programmable trigger levels for FIFOs
• Selectable DMA signaling mode
• Prioritized interrupts
• Transmitter and receiver FIFO time-out
interrupts
Additional optimizations:
• Byte enable register allows transfer of up to 4
bytes in a single register write (only in FIFO
mode).
• External loopback diagnostic mode
• Separate baud clock input available
• Additional receiver error information
Note: If using separate baud clock, it must be less
than ½ frequency of the system clock,
otherwise, you must use the system clock.
RX D
TX D
Parity
D a ta B its (5 ~ 8 )
Start
Stop
Parity
D a ta B its (5 ~ 8 )
Start
Stop
Start
Figure 22. UART Data Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com