Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic CS98200 Datasheet HTML 57Page - Cirrus Logic CS98200 Datasheet HTML 58Page - Cirrus Logic CS98200 Datasheet HTML 59Page - Cirrus Logic CS98200 Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
60
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
10.4
Pin Description Conventions
Abbreviations used for signal directions are listed in Table 30. Pin numbers that have an “s” after
the pin number indicate that the pin is using a secondary function for that pin.
11. ORDERING INFORMATION LEGEND
Here is the legend for understanding the ordering information listed above.
Note:
Go to the Cirrus Logic Internet site at http://cirrus.com/corporate/contacts to find contact information for your local sales
representative.
Abbreviation
Direction
I
Input
O
Output
B
Input or Output
Table 30. Pin Description Conventions
CS98200 — CV —XX
Product Line:
Embedded Processor
Part Number
Temperature Range:
Package Type:
V = Low Profile Quad Flat Pack (240-pin LQFP)
B = Plastic Ball Grid Array (17 mm x 17 mm) (256-ball PBGA)
R = Reduced Ball Grid Array (13 mm x 13 mm) (204-pin TFBGA)
C = Commercial
E = Extended Operating Version
I = Industrial Operating Version
Processor Speed
M = Medium Profile Quad Flat Pack (240-pin MQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com