Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 4Page - Cirrus Logic CS98200 Datasheet HTML 5Page - Cirrus Logic CS98200 Datasheet HTML 6Page - Cirrus Logic CS98200 Datasheet HTML 7Page - Cirrus Logic CS98200 Datasheet HTML 8Page - Cirrus Logic CS98200 Datasheet HTML 9Page - Cirrus Logic CS98200 Datasheet HTML 10Page - Cirrus Logic CS98200 Datasheet HTML 11Page - Cirrus Logic CS98200 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
1.
CHARACTERISTICS AND SPECIFICATIONS
1.1
AC AND DC PARAMETRIC SPECIFICATIONS
(AGND, DGND=0 V, all voltages with respect to 0 V)
1.1.1
ABSOLUTE MAXIMUM RATING
CAUTION: Operating beyond these Minimum and Maximum limits can result in permanent dam-
age to the device. Cirrus Logic recommends that CS98200 devices operate at the settings described
in the next table.
1.1.2
RECOMMENDED OPERATING CONDITIONS
1.1.3
ELECTRICAL CHARACTERISTICS
Symbol
Description
Min
Max
Unit
VDDIO
Power Supply Voltage on analog core and I/O ring
-0,5
4.6
Volts
VDDCORE
Power Supply Voltage on core logic and PLL
-0.5
2.5
Volts
VI
Digital Input Applied Voltage (power applied)
-0.5
5.5
Volts
II
Digital Input Forced Current
-10
10
mA
IO
Digital Output Forced Current
-50
50
mA
TSOL
Lead Soldering Temperature
-
260
oC
TVSOL
Vapor Phase Soldering Temperature
-
235
oC
TSTOR
Storage Temperature (no power applied)
-40
125
oC
TAMB
Ambient Temperature (power applied)
0
70
oC
Ptotal
Total Power consumption
-
2.2
W
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage, Analog and IO
VIO & VAA
3.0
3.3
3.6
Volts
Supply Voltage, Core Logic and PLL
VPLL &VDD
1.62
1.8
1.98
Volts
Ambient Temperature (power applied)
TAMB
025
70
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Current, IO
IDD
Normal Operating
65
mA
Supply Current, Core Logic and
PLL
IDD
Normal Operating
210
mA
Input Voltage, High
VIH
2.0
-
Volts
Input Voltage, Low
VIL
--
0.8
Volts
Input Current
IIN
VIN = VDD or VSS
-1
-
1
µA
Input Pull up/down resistor
RI
-75
-
K
Ω
Output Voltage, High
VOH
@ buffer rating
2.2
-
-
Volts
Output Voltage, Low
VOL
@ buffer rating
-
-
0.4
Volts
High-Z-state Leakage
IOZ
VOUT = VSS or VDD
-1
-
1
µA
Video DACs1
RSET = 174Ω
DAC Resolution
10
bits
DAC to DAC matching2
MAT
2
%
Output Voltage Range
Vout
RLOAD = 37.5Ω
3
1.28
Volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com