Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 33Page - Cirrus Logic CS98200 Datasheet HTML 34Page - Cirrus Logic CS98200 Datasheet HTML 35Page - Cirrus Logic CS98200 Datasheet HTML 36Page - Cirrus Logic CS98200 Datasheet HTML 37Page - Cirrus Logic CS98200 Datasheet HTML 38Page - Cirrus Logic CS98200 Datasheet HTML 39Page - Cirrus Logic CS98200 Datasheet HTML 40Page - Cirrus Logic CS98200 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
37
CS98200
Next Generation DVD Processor
7.2
240-Pin MQFP Pin Summary
Figure 24 shows the pin names associated with each type of CS98200 interface.
7.3
Pin Configuration Summary
The CS98200 has flexible pin functionality. Table 12 lists the different possible pin configurations
and the settings required. The IO_Set value is programmed through a register, while the
AUDO_D_0 and AUDO_LR values are set through pull up or pull down resistors on the pins.
IO_Set[1:0] AUDO_D_0 AUDO_LR Host/ATAPI Pins
Video In/Out Pins
DVD Pins
00
1
X
Host master mode Video in mode
DVD mode
00
0
0
Host slave mode
Video in mode
DVD mode
00
0
1
Host master mode Video in mode
Host slave mode
01
1
X
Host master mode Video out mode
Video in mode
01
0
0
Host slave mode
Video out mode
Video in mode
01
0
1
Host master mode Video out mode
Host slave mode
10
1
X
DVD mode
Video in mode
GPIO mode
10
0
0
Host slave mode
Video in mode
GPIO mode
10
0
1
DVD mode
Video in mode
Host slave mode
11
1
X
DVD mode
Video out mode
Video in mode
11
0
0
Host slave mode
Video out mode
Video in mode
11
0
1
DVD mode
Video out mode
Host slave mode
Table 12. Pin Configuration Summary
Figure 24. 240-Pin MQFP Pinout Summary
H_ D_ [ 1 5 : 0 ]
H_ CS_ [ 3 : 0 ]
H _ A _ [3 :0 ]
H_ A L E
H_ RD
H_ W R
H_ RDY
DVD_ D[ 7 : 0 ]
DVDL _ RDY
DVD_ S T B
DVD_ E N A
M _ A_[ 10: 0]
M_ B S 0 _ N
M _ D _ [ 3 1: 0]
M_ D Q M_ [ 3 : 0 ]
M_ R A S _ N
M_ C A S _ N
M_ A P
M _ CKE
M _ CKO
M_ W E _ N
NV_ C E _ N
VI N_ HS/ V O U T _ H S
VI N_ VS/ VO UT _ V S
VI N_ CL K/ VOUT _ C L K
VI N_ D[ 7 : 0 ] / V O U T _ D[ 7 : 0 ]
A UDI _ BCK
A UDI _ L R
AU D I _D _[ 3 : 0]
A UDO _ BCK
A UDO _ L R
A U D O _D _ [ 3: 0 ]
IR _ I N
T EST
X TLC LO C K _ I
RST _ N
C S 98200
H o st M ast er / A T A P I
( 28)
Me m o r y
In t e r f a c e
( 64)
V i de o I n / O ut (1 1 )
Au di o O u t
(8 )
M i sc.
( 5 )
Au di o I n p u t
(5 )
SPDI F _ O
DV D L o a d e r I n t e r f a c e ( 2 0 )
UA R T s ( 4 )
P o we r / Gn d : ( 6 8 )
M_ B S 1 _ N
NV_ D [ 7 : 0 ]
A UD_ X C LK
RXD_ 1
TX D _ 1
RXD_ 2
TX D _ 2
I 2 C D e b ug ( 4 )
SCL 1
SDA 1
SCL 2
SDA 2
X TLC LO C K _ O
DVD_ S O S
DVD_ E R R
DVD_ RDY
DVDL _ D I
DVDL _ D O
DVDL _ C K
CD_ BCL K
CD_ L RCK
CD_ DA T A
CD_ C2 PO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com