Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic CS98200 Datasheet HTML 57Page - Cirrus Logic CS98200 Datasheet HTML 58Page - Cirrus Logic CS98200 Datasheet HTML 59Page - Cirrus Logic CS98200 Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
59
CS98200
Next Generation DVD Processor
10.2
Units of Measurement
10.3
General Conventions
Hexadecimal numbers are presented with all letters in uppercase and a lowercase “h” appended or
with a 0x at the beginning. For example, 0x14 and 03CAh are hexadecimal numbers. Binary num-
bers are enclosed in single quotation marks when in text (for example, ‘11’ designates a binary num-
ber). Numbers not indicated by an “h”, 0x or quotation marks are decimal.
Registers are referred to by acronym, with bits listed in brackets separated by a colon (:) (for exam-
ple, CODR[7:0]), and are described in the CS98200 Registers document. The use of “TBD” indicates
values that are “to be determined,” “n/a” designates “not available,” and “n/c” indicates a pin that
is a “no connect.”
TAP
test access port
TLB
translation lookaside buffer
UART
universal asynchronous receiver
Symbol
Unit of Measure
°C
degree Celsius
fs
sample frequency
Hz
hertz (cycle per second)
kbps
kilobits per second
KB
kilobyte (1,024 bytes)
kHz
kilohertz
k
Ω
kilo Ohm
Mbps
megabits (1,048,576 bits) per second
MB
megabyte (1,048,576 bytes)
MBps
megabytes per second
MHz
megahertz (1,000 kilohertz)
µA
microampere
µFmicrofarad
µWmicrowatt
µs
microsecond (1,000 nanoseconds)
mA
milliampere
mW
milliwatt
ms
millisecond (1,000 microseconds)
ns
nanosecond
Vvolt
Wwatt
Table 29. Units of Measurement
Acronym/
Abbreviation
Definition
Table 28. Acronyms and Abbreviations (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com