Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 41Page - Cirrus Logic CS98200 Datasheet HTML 42Page - Cirrus Logic CS98200 Datasheet HTML 43Page - Cirrus Logic CS98200 Datasheet HTML 44Page - Cirrus Logic CS98200 Datasheet HTML 45Page - Cirrus Logic CS98200 Datasheet HTML 46Page - Cirrus Logic CS98200 Datasheet HTML 47Page - Cirrus Logic CS98200 Datasheet HTML 48Page - Cirrus Logic CS98200 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
45
CS98200
Next Generation DVD Processor
163
DAC_AGND
Gnd
Analog Ground
164
DAC_A3V3
Pwr
Analog Power 3.3 V
165
DAC_AGND
Gnd
Analog Ground
166
DAC_A3V3
Pwr
Analog Power 3.3 V
167
DAC_A3V3
Pwr
Analog Power 3.3 V
168
DVDL_RDY
B4
Primary DVD Control Ready
I
(1.)GPIO_DVD[16]
(2.) Secondary Host Slave Chip_Select
B
I
169
DIG_1V8
Pwr
Digital Power 1.8 V
170
H_A_0
B4
Host Master Address[0]
O
(1.) GPIO_HST[16]
(2.) Primary Host Slave Address[0]
B
I
171
DIG_GND
Gnd
Digital Ground
172
H_A_1
B4
Host Master Address[1]
O
(1.) GPIO_HST[17]
(2.) Primary Host Slave Address[1]
B
I
173
H_A_2
B4
Host Master Address[2]
O
(1.) GPIO_HST[18]
(2.) Primary Host Slave Address[2]
B
I
174
DVD_D_0
B4
Primary DVD Data[0]
I
(1.) Secondary Video_In Data[0]
(2.) GPIO_DVD[0]
(3.) Secondary Host Slave Data[0]
I
B
B
175
DVD_D_1
B4
Primary DVD Data[1]
I
(1.) Secondary Video_In Data[1]
(2.) GPIO_DVD[1]
(3.) Secondary Host Slave Data[1]
I
B
B
176
H_A_3
B4
Host Master Address[3]
O
(1.) GPIO_HST[19]
(2.) Primary Host Slave Address[3]
B
I
177
H_ALE
B4
Host Master Address Latch
O
GPIO_HST[20]
B
178
DVD_D_2
B4
Primary DVD Data[2]
I
(1.) Secondary Video_In Data[2]
(2.) GPIO_DVD[2]
(3.) Secondary Host Slave Data[2]
I
B
B
179
DVD_D_3
B4
Primary DVD Data[3]
I
(1.) Secondary Video_In Data[3]
(2.) GPIO_DVD[3]
(3.) Secondary Host Slave Data[3]
I
B
B
180
PLL_1V8
Pwr
PLL Power 1.8 V
181
PLL_GND
Gnd
PLL Ground
182
DVD_D_4
B4
Primary DVD Data[4]
I
(1.) Secondary Video_In Data[4]
(2.) GPIO_DVD[4]
(3.) Secondary Host Slave Data[4]
I
B
B
183
DVD_D_5
B4
Primary DVD Data[5]
I
(1.) Secondary Video_In Data[5]
(2.) GPIO_DVD[5]
(3.) Secondary Host Slave Data[5]
I
B
B
Pin #
Pin Name
Type
Primary Function
Dir
Secondary Function(s)
Dir
Table 14. 240-Pin MQFP Pin Assignments (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com