Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 49Page - Cirrus Logic CS98200 Datasheet HTML 50Page - Cirrus Logic CS98200 Datasheet HTML 51Page - Cirrus Logic CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic CS98200 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
53
CS98200
Next Generation DVD Processor
8.7
DVD Loader Interface
This interface connects to standard DVD loaders, and consists of three parts: Control, DVD Data and
CD Data. (See Table 21.) This interface shares CS98200 pins with the Host Master/ATAPI interface.
(See Table 20 on page 52.) The definition of the pins is set via register programming, and the two
modes are mutually exclusive.
8.8
DVD Serial Data Interface
This interface connects to the data port of low cost DVD loaders using a 4-wire serial interface. In this case,
control for the loader will typically be done using the 2-wire serial interface master. The ATAPI/IO channel
pins are then free to be used for a second DVD loader, a general purpose ATAPI, or as GPIOs.
Pin
Signal Name
Type
Description
174, 175, 178,
179, 182, 183,
184, 185
DVD_D[7:0]
I
Primary DVD Data
168
DVDL_RDY
I
Primary DVD Control Ready
236
DVD_STB
I
Primary DVD Data Strobe
237
DVD_ENA
I
Primary DVD Data Enable
238
DVD_SOS
I
Primary DVD Start Sector
239
DVD_ERR
I
Primary DVD Error
116
DVD_RDY
O
Primary DVD Data Request
117
DVDL_DI
I
Primary DVD Control Data In
118
DVDL_DO
O
Primary DVD Control Data Out
119
DVDL_CK
O
Primary DVD Control Clock
144
CD_BCLK
I
Primary CD Bit Clock
145
CD_LRCK
I
Primary CD L/R Clock
146
CD_DATA
I
Primary CD Data
147
CD_C2PO
I
Primary CD C2P0
Table 21. DVD I/O Channel Interface
Pin
Signal Name
Type
Description
144s /141s
DVDS_CLK
I
DVD Clock Input
146s/143s
DVDS_DATA
I
DVD serial data input (data can be input MSB or LSB first)
147s/140s
DVDS_VLD
I
DVD valid ( a bit of data is clocked in when this pin is high)
145s/142s
DVDS_SOS
I
DVD start of sector input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com