Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 23Page - Cirrus Logic CS98200 Datasheet HTML 24Page - Cirrus Logic CS98200 Datasheet HTML 25Page - Cirrus Logic CS98200 Datasheet HTML 26Page - Cirrus Logic CS98200 Datasheet HTML 27Page - Cirrus Logic CS98200 Datasheet HTML 28Page - Cirrus Logic CS98200 Datasheet HTML 29Page - Cirrus Logic CS98200 Datasheet HTML 30Page - Cirrus Logic CS98200 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
27
CS98200
Next Generation DVD Processor
• High speed, can handle up to 120 MHz
DRAM speeds
• Supports 8-bit parallel ROM or FLASH, up
to 8 MB
• Single bank of SDRAM only. Single bank of
ROM/FLASH only
• Separate data bus for ROM, reduces loading
for improved speed, Also handles 5 V easier.
4.2.5
Data Flow Engine
• 2432 bytes of internal memory
• DMA to/from main RAM into local SRAM
• Supports endian conversion and byte, short,
long data formats on DMA
• Supports block transfers for graphics bit
blits
4.2.6
MPEG Video Decoder
• Supports VCD, VCD 2.0, DVD video stan-
dards
• Supports trick features, including smooth 2x
play and reverse play
• Special anti-tearing logic controls picture de-
code and presentation
• Advanced error concealment hardware
• New acceleration modules for MPEG-4 Sim-
ple Profiles support
4.2.7
System Synchronization
• System time clock (STC) for audio/video
synchronization
• Flexible interrupt structure for controlling
decode and presentation times
• Hardware scheduling of subpicture and
highlight events
4.2.8
Audio Interface
• Supports 8 channels PCM output at up to 24
bits and 192 kHz output rate.
• Supports 2 channels I2S input at up to 24 bits
and 96 kHz input rate.
• Simultaneous IEC-958 (SPDIF) output with
programmable channel status and user data.
• SPDIF, PCM input, and PCM output can all
have different XCLK dividers.
• Supports simultaneous 192 Khz front and 96
Khz surround, for DVD audio
4.2.9
Video Input
• NTSC/PAL video decoder input interface
• Video input image can be displayed in small
window, or as main picture
4.2.10
External Interface
• Serial I2C
® master and slave port
• 29 independent fully programmable bi-di-
rectional I/O pins
• 8 edge or level detection interrupt pins
• Hardware assisted support for infrared re-
mote devices, such as remote control, infra-
red keyboard
• Dual UART
4.2.11
Video Processor
• Supports 24-bit 4:2:0 and 4:2:2 video modes
and 16-bit true color graphics modes.
• Picture-in-picture module includes horizon-
tal and vertical downscaling with program-
mable output sizes, positions, and borders
• Overlay mixer with RGB to YUV conversion
and output formatting
• Supports 4:2:0, 4:2:2, YUV655, RGB565 and
RGB555 frame buffer inputs
• Outputs 4:2:2 video in CCIR-601 or CCIR-
656 format
• High quality scaling using a vertical and a
horizontal 16 taps polyphase programmable
filter and supports any size image up to
768x576
• 3 taps adaptative anti-flicker filtering
• Master or Slave video sync configuration
• Multiple video plains overlay (main video /
video input / picture_in_picture / pic-
ture/on-screen / display)
• Gamma correction
4.2.12
Sub-Picture Processor
• Run-length decode DVD sub-pictures
• Hardware vertical scaling supports NTSC-
PAL format conversion
• 16-level alpha blending
4.2.13
Graphics Engine
• 16 bit true color
• Progressive and interlaced mode support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com