Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic CS98200 Datasheet HTML 57Page - Cirrus Logic CS98200 Datasheet HTML 58Page - Cirrus Logic CS98200 Datasheet HTML 59Page - Cirrus Logic CS98200 Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
57
CS98200
Next Generation DVD Processor
9. 240-PIN MQFP PACKAGE SPECIFICATIONS
NOTES:
1) Dimensions are in millimeters, and controlling dimension is millimeter.
2) Package body dimensions do not include mold protrusion, which is 0.25 mm (0.010 in).
3) Pin 1 identiÞcation may be either ink dot or dimple.
4) Package top dimensions can be smaller than bottom dimensions by 0.20 mm (0.008 in).
5) The Ôlead width with platingÕ dimension does not include a total allow
ab
le dambar protrusion of 0.08 mm
(at maximum material condition).
6) Ejector pin marks in molding are present on every package.
7) Drawing above does not reßect exact package pin count.
3.20
3.60
0
° MIN
7
° MAX
0.25
MIN
Pin 1 Indicator
34.35
34.85
0.10
0.30
31.90
32.10
0.50
TYP
34.35
34.85
31.90
32.10
0.16
4.10
0.40
0.60
Pin 1
Pin 240
MAX
TYP
Figure 25. 240-Pin MQFP Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com