Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 7Page - Cirrus Logic CS98200 Datasheet HTML 8Page - Cirrus Logic CS98200 Datasheet HTML 9Page - Cirrus Logic CS98200 Datasheet HTML 10Page - Cirrus Logic CS98200 Datasheet HTML 11Page - Cirrus Logic CS98200 Datasheet HTML 12Page - Cirrus Logic CS98200 Datasheet HTML 13Page - Cirrus Logic CS98200 Datasheet HTML 14Page - Cirrus Logic CS98200 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
11
CS98200
Next Generation DVD Processor
2.2
DC CHARACTERISTICS
(TA= 25° C; VPLL=VDD=1.8V±10%, VIO=VAA=3.3 V±10%)
2.2.1
ATAPI Interface
CS98200 can interface with a ATAPI-type slave loader gluelessly. Figure 2 illustrates a read ATAPI
transaction and a write ATAPI transaction.
Symbol
Description
Min
Typ
Max
Unit
tacyc1
1.Values are guaranteed by design only
Cycle Time
87
ns
taavr
Address Valid to HMRD-/HMWR- Setup
7
ns
tah
Address Hold from HMRD-/HMWR Setup
11
ns
tarww
H_RD/H_WR Pulse Width
63
ns
tarec
H_RD/H_WR Recovery Time
21
ns
tawsu
H_WR Data Setup
30
ns
tawh
H_WR Data Hold
8
ns
tardsu
H_RD Data Setup
20
ns
tarddh
H_RD Data hold
0
ns
tardts
H_RD Data High-Z-state
8
ns
tarsu
H_RDY Setup Time
14
ns
tarh1
H_RDY Hold Time
0
ns
Table 1. ATAPI Interface Characteristics
H_A[2:0] ,
H_CS[3:0]
H_D[15:0](WRITE)
H_D[15:0](READ)
H_RD/H_WR
tacyc
t aavr
t arww
t ah
tarec
tarsu
tawh
tawsu
tardsu
t arddh
tardts
t arh
H_RDY(deasserted
before tarsu)
H_RDY(asserted
before tarsu)
Figure 2. ATAPI Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com