Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 24Page - Cirrus Logic CS98200 Datasheet HTML 25Page - Cirrus Logic CS98200 Datasheet HTML 26Page - Cirrus Logic CS98200 Datasheet HTML 27Page - Cirrus Logic CS98200 Datasheet HTML 28Page - Cirrus Logic CS98200 Datasheet HTML 29Page - Cirrus Logic CS98200 Datasheet HTML 30Page - Cirrus Logic CS98200 Datasheet HTML 31Page - Cirrus Logic CS98200 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
28
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
• Supports gamma correction
• Color-key type transparency support
• Global blending support
• Frame buffer wrap around support for
scrolling
• 3 tap horizontal and vertical filtering
4.2.14
On Screen Display Module
• Supports 2-bit and 4-bit pixel modes
• 3 separate regions support
• 16 transparency overlay levels support
4.2.15
DVD Loader Interface
• 4-pin serial interface to low-cost DVD load-
ers
• Loader control via separate 2-wire serial
master control port
• IO channel interface supports standard 8 bit
DVD loader protocols
4.2.16
CPU Interface and SRAM Controller
• Internal SRAM of 32 KByte, and controller,
synchronous with the CPUs at 180 Mhz
• Fast interfaces to RISCs and DSP
• Asynchronous interfaces to the main system
clock
• Special DMA engine, with multiple software
clients, and command FIFO
• Special interface to MPEG-4 video module
4.2.17
Host Bus Interface
• Programmable parallel host master interface
supports formats including ATAPI, ISA, and
more
• Internal DMA module, for I/O type reads
and writes on the host bus
• Extra chip selects, for more external devices
4.2.18
Video Encoder
• Six 10-bit video DACs, drive 37.5 W load di-
rectly without external buffering
• Supports PAL (B, D, G, H, I, N, M, 60) and
NTSC
• Component (RBG or YUV) or composite + S-
Video output
• Progressive or interlaced mode output
• Macrovision 7.1 support (interlaced) and
Macrovision 1.03 support (progressive)
• Wide-screen signalling support (interlaced
and progressive) and CGMS support
• Closed captioning support
4.2.19
System Functions
• 240-pin MQFP package
• All I/O pins are 3 V with 5V tolerance
• Advanced 0.18 micron CMOS technology
• Internal processors run at 180 MHz
• Supports Low Power modes and clock shut-
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com