Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic CS98200 Datasheet HTML 57Page - Cirrus Logic CS98200 Datasheet HTML 58Page - Cirrus Logic CS98200 Datasheet HTML 59Page - Cirrus Logic CS98200 Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
56
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
8.14
Power and Ground
The CS98200 requires 4 different types of power supplies – PLLs, digital, analog, and IO pins -. The
PLLs and digital power use 1.8 V power supply. The IO pins and digital power use 3.3 V power sup-
ply, and are 5 V input tolerant. (See Table 27.)
Pin
Signal Name
Type
Description
1, 120, 180,
PLL_1V8
2.5 V for internal PLLs
149, 203
DAC_D1V8
Digital Power 1.8 V
152, 155, 158,
164, 166, 167,
206, 209, 212,
218, 220, 221
DAC_A3V3
Analog Power 3.3 V
9, 19, 31, 41, 54,
65, 75,86, 105,
130, 188, 230
IO_3V3
3.3 V for I/Os
22,46, 81, 100,
169, 223
DIG_1V8
Digital Power
150, 204
DAC_DGND
Digital Ground
148,153, 156,
159, 163, 165,
202, 207, 210,
213, 217, 219
DAC_AGND
Analog Ground
121, 181, 240
PLL_GND
Ground for internal PLLs
14, 25, 34, 43,
52, 63, 72, 84,
97, 122, 132,
190, 233
IO_GND
Ground for I/Os
24, 44, 83, 98,
171, 225
DIG_GND
Digital Ground
Table 27. Power and Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com