Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 16Page - Cirrus Logic CS98200 Datasheet HTML 17Page - Cirrus Logic CS98200 Datasheet HTML 18Page - Cirrus Logic CS98200 Datasheet HTML 19Page - Cirrus Logic CS98200 Datasheet HTML 20Page - Cirrus Logic CS98200 Datasheet HTML 21Page - Cirrus Logic CS98200 Datasheet HTML 22Page - Cirrus Logic CS98200 Datasheet HTML 23Page - Cirrus Logic CS98200 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
20
Copyright 2002 Cirrus Logic (All Rights Reserved)
DS581PP2
CS98200
Next Generation DVD Processor
2.2.6
Digital Video Output Interface
Figure 14 illustrates the signal timing for the digital video interface pins.
Symbol
Description
Min
Typ
Max
Unit
tvocper1
1.Values are guaranteed by design only
XTLCLK period
37.037
ns
tcovo12
2.It is recommanded that the output data should be taken at the opposite edge of the CLK27_O.
VDAT[7:0] delay from XTLCLK
-10
10
ns
tcovo22
Vsync/Hsync delay from XTLCLK
-10
10
ns
Table 4. CS98200 Digital Video Interface Characteristics
V o ut_ C LK
(O u tp u t)
Vo u t_D 7:0]
(O u tp u t)
Vo u t_H S/Vo u t_V S
(O u tp u t)
tvocper
tcovo1
tcovo2
Figure 14. CS98200 Digital Video Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com