Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 51Page - Cirrus Logic CS98200 Datasheet HTML 52Page - Cirrus Logic CS98200 Datasheet HTML 53Page - Cirrus Logic CS98200 Datasheet HTML 54Page - Cirrus Logic CS98200 Datasheet HTML 55Page - Cirrus Logic CS98200 Datasheet HTML 56Page - Cirrus Logic CS98200 Datasheet HTML 57Page - Cirrus Logic CS98200 Datasheet HTML 58Page - Cirrus Logic CS98200 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
55
CS98200
Next Generation DVD Processor
8.11
UART Interface Pins
The CS98200 has two 16550-type UARTs for RS-232 serial communications, both of which have two
16-byte FIFOs for receiving and transmitting data.
8.12
I2C Interface
The I2C pins are used for both master and slave mode.
8.13
Miscellaneous Interface Pins
These pins are used for used for basic functions such as clock and reset input. See Table 26.
Pin
Signal Name
Type
Description
111
TXD_1
O
UART1 Tx Data
112
RXD_1
I
UART1 Rx Data
113
TXD_2
O
UART2 Tx Data
114
RXD_2
I
UART2 Rx Data
Table 24. UART Interface Pins
Pin
Signal Name
Type
Description
107
SCL1
B
I2C Debug Slave
108
SDA1
B
I2C Debug Slave
109
SCL2
B
I2C Master/Simple Slave
110
SDA2
B
I2C Master/Simple Slave
Table 25. I2C Interface Pins
Pin
Signal Name
Type
Description
4
IR_IN
I
Infrared Input, from IR receiver.
231
XTLCLK_I
I
27 MHz Clock Input.
232
XTLCLK_O
O
27 MHz Clock Output.
2
RST_N
I
Reset Input, active low.
3
TEST
I
Manufacturing test pin, should always connect to ground.
Table 26. Miscellaneous Interface Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com