Electronic Components Datasheet Search
  English  ▼

X  

CS98200 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS98200
Description  New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98200 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS98200 Datasheet HTML 19Page - Cirrus Logic CS98200 Datasheet HTML 20Page - Cirrus Logic CS98200 Datasheet HTML 21Page - Cirrus Logic CS98200 Datasheet HTML 22Page - Cirrus Logic CS98200 Datasheet HTML 23Page - Cirrus Logic CS98200 Datasheet HTML 24Page - Cirrus Logic CS98200 Datasheet HTML 25Page - Cirrus Logic CS98200 Datasheet HTML 26Page - Cirrus Logic CS98200 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
DS581PP2
Copyright 2002 Cirrus Logic (All Rights Reserved)
23
CS98200
Next Generation DVD Processor
2.2.9
Audio Output Interface Timing
Figure 17 and Figure 16 illustrate the signal timing for the digital audio pins.
Symbol
Description
Min
Typ
Max
Unit
taxper
AUD_XCLK period (Input/Output)1, 2
13
-
ns
taxch
AUD_XCLK High Time (Input/Output)1, 2
1.Values are guaranteed by design only
2.Active clock edge is programmable. Timing is referenced from active edge
40
50
%
taxcl
AUD_XCLK Low Time (Input/Output)1, 2
47
50
%
tsdmo
AUDO_BCK delay from AUD_XCLK output rise
10
tsdmi
AUDO_BCK delay from AUD_XCLK input rise
20
taoper
AUDO_BCK period (Output)1, 2
104
tlrds
AUDO_LR delay from AUDO_BCK output rise
-10
10
ns
tadsm
AUDO_D[3:0] delay from AUDO_BCK output rise -10
10
ns
Table 7. Digital Audio Out Characteristics
Figure 17. Digital Audio Out Timing Diagram
AUDO_BCK(Output)
AUD_XCLK(Input/Output)
t sdm
t axch
AUDO_BCK(Output)
AUDO_DO[3:0] (Output)
AUDO_LR(Output)
t lrds
t adsm
t axcl
t axper
t aoperl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com