Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 4 Page - Texas Instruments

  LM60430 Datasheet HTML 1Page - Texas Instruments LM60430 Datasheet HTML 2Page - Texas Instruments LM60430 Datasheet HTML 3Page - Texas Instruments LM60430 Datasheet HTML 4Page - Texas Instruments LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
12
1
2
3
4
5
6
7
11
10
9
8
13
SW
PGND
VIN
EN
PG
FB
AGND
VCC
BOOT
SW
VIN
DAP
PGND
4
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
RPK Package
WQFN-13 With PowerPAD™
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1, 11
PGND
G
Power ground terminal. Connect to system ground and AGND. Connect to a bypass capacitor with short wide
traces.
2, 10
VIN
P
Input supply to regulator. Connect a high-quality bypass capacitor or capacitors directly to this pin and PGND.
3, 12
SW
P
Regulator switch node. Connect to power inductor. Pin 3 can be used to simplify the connection from the
CBOOT capacitor to the SW pin.
4
BOOT
P
Bootstrap supply voltage for internal high-side driver. Connect a high-quality 100-nF capacitor from this pin to
the SW pin. On the WQFN package, connect the SW pin to NC on the PCB. This simplifies the connection from
the CBOOT capacitor to the SW pin.
5
VCC
P
Internal 5-V LDO output. Used as supply to internal control circuits. Do not connect to external loads. Can be
used as logic supply for power-good flag. Connect a high quality 1-µF capacitor from this pin to GND.
6
AGND
G
Analog ground for regulator and system. Ground reference for internal references and logic. All electrical
parameters are measured with respect to this pin. Connect to system ground on PCB.
7
FB
A
Feedback input to regulator. Connect to tap point of feedback voltage divider. Do not float. Do not ground.
8
PG
A
Open-drain power-good flag output. Connect to suitable voltage supply through a current limiting resistor. High
= power OK, low = power bad. Flag pulls low when EN = Low. Can be left open when not used.
9
EN
A
Enable input to regulator. High = ON, low = OFF. Can be connected directly to VIN; Do not float.
13
DAP
—
Low impedance connection to PGND. Connect to system ground on PCB. Major heat dissipation path for the
die. Must be used for heat sinking by soldering to ground copper on PCB. Thermal vias are preferred.
A = Analog, P = Power, G = Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com