Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 1 Page - Texas Instruments

  LM60430 Datasheet HTML 1Page - Texas Instruments LM60430 Datasheet HTML 2Page - Texas Instruments LM60430 Datasheet HTML 3Page - Texas Instruments LM60430 Datasheet HTML 4Page - Texas Instruments LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
50
60
70
80
90
100
Eff_
8V
12V
24V
V
IN
VIN
EN
BOOT
SW
FB
AGND
V
OUT
C
BOOT
L1
C
IN
C
OUT
R
FBT
R
FBB
VCC
PG
PGND
C
VCC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
1
1 Features
1
•
Functional Safety-Capable
–
Documentation available to aid functional
safety system design
•
Low EMI and switching noise
–
Meets CISPR22 class 5 standard
–
Enhanced QFN package minimizes parasitic
inductance and switch node ringing
•
Configured for rugged industrial applications
–
Standard QFN footprint: single large thermal
pad and all pins accessible from perimeter
–
Pin compatible variants:
–
LM60440 (36 V, 4 A)
–
LM60430 (36 V, 3 A)
–
Junction temperature range –40°C to +150°C
–
Frequency: 400 kHz, 1 MHz
–
Output voltage range: 1 V to 24 V
•
High efficiency power conversion at all loads
–
Peak efficiency > 95%
–
90% PFM efficiency at 10-mA, 12 VIN, 5 VOUT
–
Low operating quiescent current of 25 µA
•
Create a custom design using the LM60440 with
the WEBENCH® Power Designer
2 Applications
•
Industrial PC and CPU (PLC controller)
•
Servo drive and AC drive control module
•
Medical and instrumentation applications
3 Description
The
LM604x0
regulator
is
an
easy-to-use,
synchronous,
step-down
DC/DC
converter
that
delivers best-in-class efficiency for rugged industrial
applications. The LM60430 drives up to 3-A of load
current, and the LM60440 is industry's smallest 4A
step-down converter.
The LM604x0 is available in an ultra-miniature WQFN
package with wettable flanks and a standard QFN
pin-out with a thermal pad to enhance thermal
performance. This enhanced QFN package features
extremely small parasitic inductance and resistance,
enabling very high efficiency while minimizing switch
node ringing and dramatically reducing EMI.
The LM604x0 uses peak-current-mode control to
automatically fold back frequency at light load to
ensure exceptional efficiency across the entire load
range. The low power dissipation paired with a
thermally optimized QFN package enables a power
dense solution size. In addition the device requires
few external components and has a pinout designed
for simple PCB layout. The small solution size and
feature set of the LM604x0 are designed to simplify
implementation for a wide range of end equipment.
This device is also available in an AEC-Q100-
qualified version.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM60440
WQFN-13
3.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
Simplified Schematic
Efficiency versus Output Current
VOUT = 5 V, 400 kHz


Similar Part No. - LM60430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM60430 TI1-LM60430 Datasheet
1Mb / 32P
LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60430-Q1 TI1-LM60430-Q1 Datasheet
1Mb / 32P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60430-Q1 TI1-LM60430-Q1 Datasheet
1Mb / 36P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60430-Q1 TI1-LM60430-Q1 Datasheet
1Mb / 39P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60430-Q1 TI-LM60430-Q1 Datasheet
2Mb / 53P
LM63460-Q1 3-V to 36-V, 6-A Automotive Synchronous Buck DC/DC Converter With Adjustable Switching Frequency, Optimized for Reliability and Low EMI
DECEMBER 2021
More results

Similar Description - LM60430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR33620-Q1 TI1-LMR33620-Q1 Datasheet
2Mb / 48P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33620-Q1 TI1-LMR33620-Q1_18 Datasheet
2Mb / 47P
3.8-V to 36-V, 2-A Synchronous Step-Down Voltage Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LM60440 TI1-LM60440 Datasheet
1Mb / 32P
LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V02 Datasheet
1Mb / 39P
LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LMR33620AP-Q1 TI-LMR33620AP-Q1 Datasheet
4Mb / 48P
LMR336x0AP-Q1 3.8-V to 36-V, 2-A and 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com