Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments LM60430 Datasheet HTML 10Page - Texas Instruments LM60430 Datasheet HTML 11Page - Texas Instruments LM60430 Datasheet HTML 12Page - Texas Instruments LM60430 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
+
-
+
-
CONTROL
LOGIC
DRIVER
HS CURRENT
SENSE
LS CURRENT
SENSE
OSCILLATOR
PWM
COMP.
ERROR
AMPLIFIER
POWER GOOD
CONTROL
SW
VIN
PGND
FB
EN
INT. REG.
BIAS
VCC
BOOT
AGND
1.0V
Reference
ENABLE
LOGIC
PG
PFM MODE
CONTROL
9
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM604x0 is a synchronous peak-current-mode buck regulator designed for a wide variety of applications.
Advanced high speed circuitry allows the device to regulate from an input voltage of 20 V, while providing an
output voltage of 3.3 V. The innovative architecture allows the device to regulate a 3.3-V output from an input of
only 3.8 V. The regulator automatically switches modes between PFM and PWM depending on load. At heavy
loads, the device operates in PWM at a constant switching frequency. At light loads, the mode changes to PFM
with diode emulation allowing DCM. This reduces the input supply current and keeps efficiency high. The device
features internal loop compensation which reduces design time and requires fewer external components than
externally compensated regulators.
The LM604x0 is available in an ultra-miniature WQFN package with wettable flanks. This enhanced QFN
package features extremely small parasitic inductance and resistance, enabling very high efficiency while
minimizing switch node ringing and dramatically reducing EMI. The VIN/PGND pin layout is symmetrical on either
side of the WQFN package. This allows the input current magnetic fields to partially cancel, resulting in reduce
EMI generation.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com