Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 3Page - Texas Instruments LM60430 Datasheet HTML 4Page - Texas Instruments LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments LM60430 Datasheet HTML 10Page - Texas Instruments LM60430 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the operating junction temperature (TJ) range of –40°C to +150°C, unless otherwise stated. Minimum and
maximum limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric
norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VIN
= 12 V, VEN = 4 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
See Power-Good Flag Output for details.
IPEAK-MIN
Minimum peak inductor
current
LM60440
0.86
A
IPEAK-MIN
Minimum peak inductor
current
LM60430
0.69
A
IZC
Zero current detector
threshold
-0.106
A
SOFT START
tSS
Internal soft-start time
2.9
4.4
6
ms
POWER GOOD (PG PIN)
VPG-HIGH-UP
Power-good upper threshold -
rising
% of FB voltage
105%
107%
110%
VPG-HIGH-DN
Power-good upper threshold -
falling
% of FB voltage
103%
105%
108%
VPG-LOW-UP
Power-good lower threshold -
rising
% of FB voltage
92%
94%
97%
VPG-LOW-DN
Power-good lower threshold -
falling
% of FB voltage
90%
92%
95%
tPG
Power-good glitch filter
delay(4)
60
170
µs
RPG
Power-good flag RDSON
VIN = 12 V, VEN = 4 V
76
150
Ω
VEN = 0 V
35
60
VIN-PG
Minimum input voltage for
proper PG function
50-µA, EN = 0 V
2
V
VPG
PG logic low output
50-µA, EN = 0 V, VIN = 2V
0.2
V
OSCILLATOR
ƒSW
Switching frequency
"A" version
340
400
460
kHz
ƒSW
Switching frequency
"D" Version
0.85
1
1.15
MHz
MOSFETS
RDS-ON-HS
High-side MOSFET ON-
resistance
76
146
mΩ
RDS-ON-LS
Low-side MOSFET ON-
resistance
51
96
mΩ
7.6 Timing Characteristics
Limits apply over the operating junction temperature (TJ) range of –40°C to +150°C, unless otherwise stated. Minimum and
maximum limits are specified through test, design or statistical correlation. Typical values represent the most likely parametric
norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following conditions apply: VIN
= 12 V, VEN = 4 V.
MIN
NOM
MAX
UNIT
tON-MIN
Minimum switch on-time
55
80
ns
tOFF-MIN
Minimum switch off-time
50
70
ns
tON-MAX
Maximum switch on-time
7
9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com