Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 9Page - Texas Instruments LM60430 Datasheet HTML 10Page - Texas Instruments LM60430 Datasheet HTML 11Page - Texas Instruments LM60430 Datasheet HTML 12Page - Texas Instruments LM60430 Datasheet HTML 13Page - Texas Instruments LM60430 Datasheet HTML 14Page - Texas Instruments LM60430 Datasheet HTML 15Page - Texas Instruments LM60430 Datasheet HTML 16Page - Texas Instruments LM60430 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Inductor
Curent
1A/
50ms/div
Short triggered
Output
Voltage
2V/div
Inductor
Curent
2A/
50ms/div
Short Released
LIMIT
SC
OUT max
I
I
I
2
13
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
When the device is overloaded, the valley of the inductor current may not reach below ILIMIT (see the Electrical
Characteristics table) before the next clock cycle. When this occurs, the valley current limit control skips that
cycle, causing the switching frequency to drop. Further overload causes the switching frequency to continue to
drop, and the inductor ripple current to increase. When the peak of the inductor current reaches the high-side
current limit, ISC (see the Electrical Characteristics table), the switch duty cycle is reduced and the output voltage
falls out of regulation. This represents the maximum output current from the converter and is given approximately
by Equation 1.
(1)
If, during current limit, the voltage on the FB input falls below about 0.4 V due to a short circuit, the device enters
into hiccup mode. In this mode, the device stops switching for tHC (see the System Characteristics), or about 94
ms and then goes through a normal re-start with soft start. If the short-circuit condition remains, the device runs
in current limit for about 20 ms (typical) and then shuts down again. This cycle repeats, as shown in as long as
the short-circuit-condition persists. This mode of operation helps reduce the temperature rise of the device during
a hard short on the output. The output current is greatly reduced during hiccup mode. Once the output short is
removed and the hiccup delay is passed, the output voltage recovers normally as shown in Figure 6.
Figure 5. LM60440 Inductor Current Burst in Short-Circuit
Mode
Figure 6. LM60440 Short-Circuit Transient and Recovery
8.3.4 Undervoltage Lockout and Thermal Shutdown
The LM604x0 incorporates an undervoltage-lockout feature on the output of the internal LDO (at the VCC pin).
When VCC reaches about 3.7 V, the device is ready to receive an EN signal and start up. When VCC falls below
about 3 V, the device shuts down, regardless of EN status. Because the LDO is in dropout during these
transitions, the above values roughly represent the input voltage levels during the transitions.
Thermal shutdown is provided to protect the regulator from excessive junction temperature. When the junction
temperature reaches about 165°C, the device shuts down; re-start occurs when the temperature falls to about
148°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com