Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 23Page - Texas Instruments LM60430 Datasheet HTML 24Page - Texas Instruments LM60430 Datasheet HTML 25Page - Texas Instruments LM60430 Datasheet HTML 26Page - Texas Instruments LM60430 Datasheet HTML 27Page - Texas Instruments LM60430 Datasheet HTML 28Page - Texas Instruments LM60430 Datasheet HTML 29Page - Texas Instruments LM60430 Datasheet HTML 30Page - Texas Instruments LM60430 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
C
IN
VIN
SW
GND
KEEP
CURRENT
LOOP
SMALL
27
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Layout Guidelines (continued)
Figure 21. Current Loops with Fast Edges
11.1.1 Ground and Thermal Considerations
As mentioned above, TI recommends using one of the middle layers as a solid ground plane. A ground plane
provides shielding for sensitive circuits and traces. It also provides a quiet reference potential for the control
circuitry. The AGND and PGND pins must be connected to the ground planes using vias next to the bypass
capacitors. PGND pins are connected directly to the source of the low side MOSFET switch, and also connected
directly to the grounds of the input and output capacitors. The PGND net contains noise at the switching
frequency and can bounce due to load variations. The PGND trace, as well as the VIN and SW traces, must be
constrained to one side of the ground planes. The other side of the ground plane contains much less noise and
must be used for sensitive routes.
Use as much copper as possible, for system ground plane, on the top and bottom layers for the best heat
dissipation. Use a four-layer board with the copper thickness for the four layers, starting from the top as: 2 oz / 1
oz / 1 oz / 2 oz. A four-layer board with enough copper thickness, and proper layout, provides low current
conduction impedance, proper shielding, and lower thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com