Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 13Page - Texas Instruments LM60430 Datasheet HTML 14Page - Texas Instruments LM60430 Datasheet HTML 15Page - Texas Instruments LM60430 Datasheet HTML 16Page - Texas Instruments LM60430 Datasheet HTML 17Page - Texas Instruments LM60430 Datasheet HTML 18Page - Texas Instruments LM60430 Datasheet HTML 19Page - Texas Instruments LM60430 Datasheet HTML 20Page - Texas Instruments LM60430 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
Table 1 provides the parameters for our detailed design procedure example:
Table 1. Detailed Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
12 V (6 V to 36 V)
Output voltage
5 V
Maximum output current
0 A to 4 A
Switching frequency
400 kHz
Table 2. LM60440 Typical External Component Values
ƒSW
(kHz)
VOUT (V)
L (µH)
COUT (RATED
CAPACITANCE)
RFBT (Ω)
RFBB (Ω)
CIN + CHF
CBOOT
CVCC
CFF
400
3.3
4.7
3 × 47 µF
100 k
43.2 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
1000
3.3
2.2
2 × 22 µF
100 k
43.2 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
400
5
6.8
4 × 47 µF + 22 µF
100 k
24.9 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
1000
5
3.3
2 × 22 µF
100 k
24.9 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
400
12
15
4 × 22 µF
100 k
9.09 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
1000
12
5.2
4 × 10 µF
100 k
9.09 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
Table 3. LM60430 Typical External Component Values
ƒSW
(kHz)
VOUT (V)
L (µH)
COUT (RATED
CAPACITANCE)
RFBT (Ω)
RFBB (Ω)
CIN + CHF
CBOOT
CVCC
CFF
400
3.3
5.6
4 × 22 µF
100 k
43.2 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
1000
3.3
3.3
3 × 22 µF
100 k
43.2 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
400
5
8.2
4 × 22 µF
100 k
24.9 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
1000
5
4.7
3 × 22 µF
100 k
24.9 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
400
12
15
4 × 22 µF
100 k
9.09 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
1000
12
6.8
3 × 22 µF
100 k
9.09 k
4.7 µF + 2 × 220 nF
100 nF
1 µF
open
9.2.2 Detailed Design Procedure
The following design procedure applies to Figure 9 and Table 1.
9.2.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM60440 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com