Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 16Page - Texas Instruments LM60430 Datasheet HTML 17Page - Texas Instruments LM60430 Datasheet HTML 18Page - Texas Instruments LM60430 Datasheet HTML 19Page - Texas Instruments LM60430 Datasheet HTML 20Page - Texas Instruments LM60430 Datasheet HTML 21Page - Texas Instruments LM60430 Datasheet HTML 22Page - Texas Instruments LM60430 Datasheet HTML 23Page - Texas Instruments LM60430 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
OUT
REF
FBT
OUT
OUT
FF
V
V
R
120
C
V
C
˜
˜
˜
2
I
I
OUT
RMS
#
20
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
ceramic capacitor is chosen. The 220 nF must also be rated at 50 V with an X7R dielectric. The WQFN package
provides two input voltage pins and two power ground pins on opposite sides of the package. This allows the
input capacitors to be split, and placed optimally with respect to the internal power MOSFETs, thus improving the
effectiveness of the input bypassing. In this example, a single 4.7-µF and two 100-nF ceramic capacitors at each
VIN/PGND location.
Many times, it is desirable to use an electrolytic capacitor on the input in parallel with the ceramics. This is
especially true if long leads/traces are used to connect the input supply to the regulator. The moderate ESR of
this capacitor can help damp any ringing on the input supply caused by the long power leads. The use of this
additional capacitor also helps with momentary voltage dips caused by input supplies with unusually high
impedance.
Most of the input switching current passes through the ceramic input capacitor or capacitors. The approximate
worst case RMS value of this current can be calculated from Equation 7 and must be checked against the
manufacturers' maximum ratings.
(7)
9.2.2.7 CBOOT
The LM604x0 requires a bootstrap capacitor connected between the BOOT pin and the SW pin. This capacitor
stores energy that is used to supply the gate drivers for the power MOSFETs. A high-quality ceramic capacitor of
100 nF and at least 10 V is required.
9.2.2.8 VCC
The VCC pin is the output of the internal LDO used to supply the control circuits of the regulator. This output
requires a 1-µF, 16-V ceramic capacitor connected from VCC to GND for proper operation. In general, avoid
loading this output with any external circuitry. However, this output can be used to supply the pullup for the
power-good function (see the Power-Good Flag Output section). A value of 100 kΩ is a good choice in this case.
The nominal output voltage on VCC is 5 V; see the Electrical Characteristics for limits. Do not short this output to
ground or any other external voltage.
9.2.2.9 CFF Selection
In some cases, a feedforward capacitor can be used across RFBT to improve the load transient response or
improve the loop-phase margin. This is especially true when values of RFBT > 100 kΩ are used. Large values of
RFBT, in combination with the parasitic capacitance at the FB pin, can create a small signal pole that interferes
with the loop stability. A CFF can help to mitigate this effect. Equation 8 can be used to estimate the value of CFF.
The value found with Equation 8 is a starting point; use lower values to determine if any advantage is gained by
the use of a CFF capacitor. The Optimizing Transient Response of Internally Compensated DC-DC Converters
with Feed-forward Capacitor Application Report is helpful when experimenting with a feedforward capacitor.
(8)
9.2.2.10 External UVLO
In some cases, an input UVLO level different than that provided internal to the device is needed. This can be
accomplished by using the circuit shown in Figure 10. The input voltage at which the device turns on is
designated VON while the turnoff voltage is VOFF. First, a value for RENB is chosen in the range of 10 kΩ to 100
kΩ and then Equation 9 is used to calculate RENT and VOFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com