Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 3 Page - Texas Instruments

  LM60430 Datasheet HTML 1Page - Texas Instruments LM60430 Datasheet HTML 2Page - Texas Instruments LM60430 Datasheet HTML 3Page - Texas Instruments LM60430 Datasheet HTML 4Page - Texas Instruments LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE OPTION
PACKAGE
FREQUENCY
RATED CURRENT
OUTPUT VOLTAGE
LM60440ARPKR
RPK (WQFN-13)
400 kHz
4 A
Adjustable
LM60430ARPKR
RPK (WQFN-13)
400 kHz
3 A
Adjustable
LM60440DRPKR
RPK (WQFN-13)
1 MHz
4 A
Adjustable
LM60430DRPKR
RPK (WQFN-13)
1 MHz
3 A
Adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com