Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments LM60430 Datasheet HTML 10Page - Texas Instruments LM60430 Datasheet HTML 11Page - Texas Instruments LM60430 Datasheet HTML 12Page - Texas Instruments LM60430 Datasheet HTML 13Page - Texas Instruments LM60430 Datasheet HTML 14Page - Texas Instruments LM60430 Datasheet HTML 15Page - Texas Instruments LM60430 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Output Voltage, 2V/Div
2ms/Div
Input Voltage, 5V/Div
VCC, 5V/Div
PG, 5V/Div
EN
VCC
0
V
EN-H
V
EN-H
± VEN-HYS
V
EN-VCC-L
5V
V
OUT
VOUT
0
V
EN-VCC-H
12
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
Figure 3. Precision Enable Behavior
Figure 4. Typical Start-up Behavior
VIN = 12 V, VOUT = 5 V, IOUT = 4 A
8.3.3 Current Limit and Short Circuit
The LM604x0 incorporates both peak and valley inductor current limit to provide protection to the device from
overloads and short circuits and limit the maximum output current. Valley current limit prevents inductor current
runaway during short circuits on the output, while both peak and valley limits work together to limit the maximum
output current of the converter. Cycle-by-cycle current limit is used for overloads, while hiccup mode is used for
sustained short circuits. Finally, a zero current detector is used on the low-side power MOSFET to implement
DEM at light loads (see the Glossary). The typical value of this current limit is found under IZC in the Electrical
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com