Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 14Page - Texas Instruments LM60430 Datasheet HTML 15Page - Texas Instruments LM60430 Datasheet HTML 16Page - Texas Instruments LM60430 Datasheet HTML 17Page - Texas Instruments LM60430 Datasheet HTML 18Page - Texas Instruments LM60430 Datasheet HTML 19Page - Texas Instruments LM60430 Datasheet HTML 20Page - Texas Instruments LM60430 Datasheet HTML 21Page - Texas Instruments LM60430 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
IN
OUT
max
OUT
SW
OUT
IN
V
V
I
K
f
V
V
L
˜
˜
˜
»
¼
º
«
¬
ª
1
V
V
R
R
REF
OUT
FBT
FBB
18
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.2.2.2 Choosing the Switching Frequency
The choice of switching frequency is a compromise between conversion efficiency and overall solution size.
Lower switching frequency implies reduced switching losses and usually results in higher system efficiency.
However, higher switching frequency allows the use of smaller inductors and output capacitors, and hence a
more compact design. For this example, the LM604x0 fixed 400-kHz switching frequency was chosen.
9.2.2.3 Setting the Output Voltage
The output voltage of the LM604x0 is externally adjustable using a resistor divider network. The range of
recommended output voltage is found in the Recommended Operating Conditions table. The divider network is
comprised of RFBT and RFBB, and closes the loop between the output voltage and the converter. The converter
regulates the output voltage by holding the voltage on the FB pin equal to the internal reference voltage, VREF.
The resistance of the divider is a compromise between excessive noise pick-up and excessive loading of the
output. Smaller values of resistance reduce noise sensitivity but also reduce the light-load efficiency. The
recommended value for RFBT is 100 kΩ; with a maximum value of 1 MΩ. If a 1 MΩ is selected for RFBT, then a
feedforward capacitor must be used across this resistor to provide adequate loop phase margin (see the CFF
Selection section). Once RFBT is selected, Equation 3 is used to select RFBB. VREF is nominally 1 V (see the
Electrical Characteristics for limits).
(3)
For this 5-V example, RFBT = 100 kΩ and RFBB = 24.9 kΩ are chosen.
9.2.2.4 Inductor Selection
The parameters for selecting the inductor are the inductance and saturation current. The inductance is based on
the desired peak-to-peak ripple current and is normally chosen to be in the range of 20% to 40% of the maximum
output current. Experience shows that the best value for inductor ripple current is 30% of the maximum load
current. Note that when selecting the ripple current for applications with much smaller maximum load than the
maximum available from the device, the maximum device current should be used. Equation 4 can be used to
determine the value of inductance. The constant K is the percentage of inductor current ripple. For this example,
K = 0.3 was chosen and an inductance was found; the next standard value of 6.8 µH was selected.
(4)
Ideally, the saturation current rating of the inductor must be at least as large as the high-side switch current limit,
ISC (see the Electrical Characteristics). This ensures that the inductor does not saturate even during a short
circuit on the output. When the inductor core material saturates, the inductance falls to a very low value, causing
the inductor current to rise very rapidly. Although the valley current limit, ILIMIT, is designed to reduce the risk of
current run-away, a saturated inductor can cause the current to rise to high values very rapidly. This can lead to
component damage; do not allow the inductor to saturate. Inductors with a ferrite core material have very hard
saturation characteristics, but usually have lower core losses than powdered iron cores. Powered iron cores
exhibit a soft saturation, allowing for some relaxation in the current rating of the inductor. However, they have
more core losses at frequencies typically above 1 MHz. In any case, the inductor saturation current must not be
less than the device low-side current limit, ILIMIT (see the Electrical Characteristics). The maximum inductance is
limited by the minimum current ripple required for the current mode control to perform correctly. As a rule-of-
thumb, the minimum inductor ripple current must be no less than about 10% of the device maximum rated
current under nominal conditions.
9.2.2.5 Output Capacitor Selection
The value of the output capacitor and the ESR of the capacitor determine the output voltage ripple and load
transient performance. The output capacitor bank is usually limited by the load transient requirements, rather
than the output voltage ripple. Equation 5 can be used to estimate a lower bound on the total output capacitance
and an upper bound on the ESR, which is required to meet a specified load transient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com