Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 20Page - Texas Instruments LM60430 Datasheet HTML 21Page - Texas Instruments LM60430 Datasheet HTML 22Page - Texas Instruments LM60430 Datasheet HTML 23Page - Texas Instruments LM60430 Datasheet HTML 24Page - Texas Instruments LM60430 Datasheet HTML 25Page - Texas Instruments LM60430 Datasheet HTML 26Page - Texas Instruments LM60430 Datasheet HTML 27Page - Texas Instruments LM60430 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
+
3.3µF
Input Supply
Input to
Regulator
24
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
EMI (continued)
Figure 20. Typical Input EMI Filter
Filter Used Only for EMI Measurements Found in EMI
9.4 What to Do and What Not to Do
•
Don't: Exceed the Absolute Maximum Ratings.
•
Don't: Exceed the ESD Ratings.
•
Don't: Exceed the Recommended Operating Conditions .
•
Don't: Allow the EN input to float.
•
Don't: Allow the output voltage to exceed the input voltage, nor go below ground.
•
Don't: Use the value of RθJA given in the Thermal Information table to design your application. Use the
information in the Maximum Ambient Temperature section.
•
Do: Follow all the guidelines and suggestions found in this data sheet before committing the design to
production. TI application engineers are ready to help critique your design and PCB layout to help make your
project a success.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com