Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 12Page - Texas Instruments LM60430 Datasheet HTML 13Page - Texas Instruments LM60430 Datasheet HTML 14Page - Texas Instruments LM60430 Datasheet HTML 15Page - Texas Instruments LM60430 Datasheet HTML 16Page - Texas Instruments LM60430 Datasheet HTML 17Page - Texas Instruments LM60430 Datasheet HTML 18Page - Texas Instruments LM60430 Datasheet HTML 19Page - Texas Instruments LM60430 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
VIN
EN
VCC
AGND
PGND
SW
BOOT
FB
VIN
VOUT
L
CBOOT
COUT
CIN
CVCC
4.7uF
22 µF
6.8 µH
0.1 µF
1 µF
CFF
RFBT
RFBB
100 NŸ
24.9 NŸ
6 V to 36 V
PG
PG
100 NŸ
220 nF
CHF2
220 nF
CHF1
COUT
2x 47 µF
5 V
4 A
16
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM604x0 step-down DC-to-DC converter is typically used to convert a higher DC voltage to a lower DC
voltage with a maximum output current of 4 A. The following design procedure can be used to select components
for the LM604x0. Alternately, the WEBENCH Design Tool can be used to generate a complete design. This tool
utilizes an iterative design procedure and has access to a comprehensive database of components. This allows
the tool to create an optimized design and allows the user to experiment with various options.
NOTE
In this data sheet, the effective value of capacitance is defined as the actual capacitance
under D.C. bias and temperature; not the rated or nameplate values. Use high-quality,
low-ESR, ceramic capacitors with an X5R or better dielectric throughout. All high value
ceramic capacitors have a large voltage coefficient in addition to normal tolerances and
temperature effects. Under D.C. bias the capacitance drops considerably. Large case
sizes and/or higher voltage ratings are better in this regard. To help mitigate these effects,
multiple capacitors can be used in parallel to bring the minimum effective capacitance up
to the required value. This can also ease the RMS current requirements on a single
capacitor. A careful study of bias and temperature variation of any capacitor bank should
be made in order to ensure that the minimum value of effective capacitance is provided.
9.2 Typical Application
Figure 9 shows a typical application circuit for the LM604x0. This device is designed to function over a wide
range of external components and system parameters. However, the internal compensation is optimized for a
certain range of external inductance and output capacitance. As a quick start guide, Table 2 and Table 3 provide
typical component values for a range of the most common output voltages. The values given in the table are
typical. Other values can be used to enhance certain performance criterion as required by the application. Note
that for the WQFN package, the input capacitors are split and placed on either side of the package; see the Input
Capacitor Selection section for more details.
Figure 9. Example Application Circuit (400 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com