Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 18Page - Texas Instruments LM60430 Datasheet HTML 19Page - Texas Instruments LM60430 Datasheet HTML 20Page - Texas Instruments LM60430 Datasheet HTML 21Page - Texas Instruments LM60430 Datasheet HTML 22Page - Texas Instruments LM60430 Datasheet HTML 23Page - Texas Instruments LM60430 Datasheet HTML 24Page - Texas Instruments LM60430 Datasheet HTML 25Page - Texas Instruments LM60430 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Output Voltage, 200mV/Div
Load Current, 2A/Div
100µs/Div
Output Voltage, 200mV/Div
Load Current, 2A/Div
100µs/Div
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5.02
5.03
5.04
5.05
5.06
5.07
5.08
LM60
8V
12V
24V
36V
Output Voltage, 2V/Div
2ms/Div
Input Voltage, 5V/Div
VCC, 5V/Div
PG, 5V/Div
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
70
75
80
85
90
95
100
Eff_
8V
12V
24V
36V
Output Current (mA)
0.1
1
10
100
500
20
40
60
80
100
LM60
8V
12V
24V
36V
22
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.2.3 Application Curves
Unless otherwise specified the following conditions apply: VIN = 12 V, TA = 25°C. The circuit is shown in
Figure 17, with the appropriate BOM from Table 4.
VOUT = 5 V
400 kHz
Figure 11. Low-Load Efficiency
VOUT = 5 V
400 kHz
Figure 12. High-Load Efficiency
VOUT = 5 V
Figure 13. Line and Load Regulation
VIN = 13.5 V
VOUT = 5 V
IOUT = 4 A
Figure 14. Start-up
VIN = 12 V
VOUT = 5 V
IOUT = 0 A to 4 A
tf = tr = 4 µs
Figure 15. Load Transient
VIN = 12 V
VOUT = 5 V
tf = tr = 2 µs
IOUT = 2 A to 4 A
Figure 16. Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com