Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments LM60430 Datasheet HTML 10Page - Texas Instruments LM60430 Datasheet HTML 11Page - Texas Instruments LM60430 Datasheet HTML 12Page - Texas Instruments LM60430 Datasheet HTML 13Page - Texas Instruments LM60430 Datasheet HTML 14Page - Texas Instruments LM60430 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
(95%)
VOUT
(93%)
PG
tPG
Glitches do not cause false operation nor reset timer
VPG-LOW-UP
VPG-LOW-DN
tPG
tPG
< tPG
11
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
Figure 2. Power-Good-Timing Behavior
8.3.2 Enable and Start-up
Start-up and shutdown are controlled by the EN input. This input features precision thresholds, allowing the use
of an external voltage divider to provide an adjustable input UVLO (see the External UVLO section). Applying a
voltage of
≥ VEN-VCC_H causes the device to enter standby mode, powering the internal VCC, but not producing
an output voltage. Increasing the EN voltage to VEN-H fully enables the device, allowing it to enter start-up mode
and start the soft-start period. When the EN input is brought below VEN-H by VEN-HYS, the regulator stops running
and enters standby mode. Further decrease in the EN voltage to below VEN-VCC-L completely shuts down the
device. This behavior is shown in Figure 3. The EN input can be connected directly to VIN if this feature is not
needed. This input must not be allowed to float. The values for the various EN thresholds can be found in the
Electrical Characteristics table.
The LM604x0 uses a reference-based soft start that prevents output voltage overshoots and large inrush
currents as the regulator is starting up. A typical start-up waveform is shown in Figure 4, indicating typical
timings. The rise time of the output voltage is about 4 ms (see the Electrical Characteristics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com