Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 4Page - Texas Instruments LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments LM60430 Datasheet HTML 10Page - Texas Instruments LM60430 Datasheet HTML 11Page - Texas Instruments LM60430 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
LM60440, LM60430
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Deviation is with respect to VIN =12 V, IOUT = 1 A.
(2)
In dropout the switching frequency drops to increase the effective duty cycle. The lowest frequency is clamped at approximately: ƒMIN =
1 / (tON-MAX + tOFF-MIN). DMAX = tON-MAX /(tON-MAX + tOFF-MIN).
7.7 System Characteristics
The following specifications apply to a typical applications circuit, with nominal component values. Specifications in the typical
(TYP) column apply to TJ = 25°C only. Specifications in the minimum (MIN) and maximum (MAX) columns apply to the case
of typical components over the temperature range of TJ = –40°C to 150°C. These specifications are not ensured by
production testing.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Operating input voltage range
VOUT = 3.3 V, IOUT= 0 A
3.8
36
V
VOUT
Output voltage regulation for VOUT = 5
V(1)
VOUT = 5 V, VIN = 7 V to 36 V, IOUT = 0 A to 4
A
–1.6%
2.5%
VOUT = 5 V, VIN = 7 V to 36 V, IOUT = 1 A to 4
A
–1.6%
1.5%
Output voltage regulation for VOUT = 3.3
V(1)
VOUT = 3.3 V, VIN = 3.8 V to 36 V, IOUT = 0 A
to 4 A
–1.6%
2.5%
VOUT = 3.3 V, VIN = 3.8 V to 36 V, IOUT = 1 A to
4 A
–1.6%
1.5%
ISUPPLY
Input supply current when in regulation
VIN = 12 V, VOUT = 3.3 V, IOUT = 0 A,
RFBT = 1 MΩ
25
µA
VDROP
Dropout voltage; (VIN – VOUT)
VOUT = 5 V, IOUT = 1A
Dropout at –1% of regulation,
ƒSW = 140 kHz
150
mV
DMAX
Maximum switch duty cycle(2)
VIN = VOUT = 12 V, IOUT = 1 A
98%
VHC
FB pin voltage required to trip short-circuit
hiccup mode
0.4
V
tHC
Time between current-limit hiccup burst
94
ms
tD
Switch voltage dead time
2
ns
TSD
Thermal shutdown temperature
Shutdown temperature
165
°C
Recovery temperature
148
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com