Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 5 Page - Texas Instruments

  LM60430 Datasheet HTML 1Page - Texas Instruments LM60430 Datasheet HTML 2Page - Texas Instruments LM60430 Datasheet HTML 3Page - Texas Instruments LM60430 Datasheet HTML 4Page - Texas Instruments LM60430 Datasheet HTML 5Page - Texas Instruments LM60430 Datasheet HTML 6Page - Texas Instruments LM60430 Datasheet HTML 7Page - Texas Instruments LM60430 Datasheet HTML 8Page - Texas Instruments LM60430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The voltage on this pin must not exceed the voltage on the VIN pin by more than 0.3 V
(3)
Under some operating conditions the VCC LDO voltage may increase beyond 5.5 V.
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range
(1)
PARAMETER
MIN
MAX
UNIT
Voltages
VIN to PGND
–0.3
38
V
EN to AGND(2)
–0.3
VIN + 0.3
FB to AGND
–0.3
5.5
PG to AGND(2)
0
22
AGND to PGND
–0.3
0.3
SW to PGND
–0.3
VIN + 0.3
V
SW to PGND less than 100-ns transients
–3.5
38
BOOT to SW
–0.3
5.5
VCC to AGND(3)
–0.3
5.5
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) (1)
±2500
V
Charged-device model (CDM) (2)
±750
(1)
Recommended operating conditions indicate conditions for which the device is intended to be functional, but do not ensure specific
performance limits. For ensured specifications, see Electrical Characteristics.
(2)
The voltage on this pin must not exceed the voltage on the VIN pin by more than 0.3 V.
(3)
The maximum output voltage can be extended to 95% of VIN; contact TI for details. Under no conditions should the output voltage be
allowed to fall below zero volts.
7.3 Recommended Operating Conditions
Over the recommended operating temperature range of –40°C to 150°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
VIN to PGND
3.8
36
V
EN (2)
0
VIN
PG(2)
0
18
Adjustable output voltage
VOUT
(3)
1
24
V
Output current
LM60430 IOUT
0
3
A
Output current
LM60440 IOUT
0
4
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com