Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 21Page - Texas Instruments LM60430 Datasheet HTML 22Page - Texas Instruments LM60430 Datasheet HTML 23Page - Texas Instruments LM60430 Datasheet HTML 24Page - Texas Instruments LM60430 Datasheet HTML 25Page - Texas Instruments LM60430 Datasheet HTML 26Page - Texas Instruments LM60430 Datasheet HTML 27Page - Texas Instruments LM60430 Datasheet HTML 28Page - Texas Instruments LM60430 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
K
˜
˜
IN
OUT
OUT
IN
V
I
V
I
25
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10 Power Supply Recommendations
The characteristics of the input supply must be compatible with the Absolute Maximum Ratings and
Recommended Operating Conditions found in this data sheet. In addition, the input supply must be capable of
delivering the required input current to the loaded regulator. The average input current can be estimated with
Equation 11, where η is the efficiency.
(11)
If the regulator is connected to the input supply through long wires or PCB traces, special care is required to
achieve good performance. The parasitic inductance and resistance of the input cables can have an adverse
effect on the operation of the regulator. The parasitic inductance, in combination with the low-ESR, ceramic input
capacitors, can form an under damped resonant circuit, resulting in overvoltage transients at the input to the
regulator. The parasitic resistance can cause the voltage at the VIN pin to dip whenever a load transient is
applied to the output. If the application is operating close to the minimum input voltage, this dip can cause the
regulator to momentarily shutdown and reset. The best way to solve these kind of issues is to reduce the
distance from the input supply to the regulator and/or use an aluminum or tantalum input capacitor in parallel with
the ceramics. The moderate ESR of these types of capacitors help damp the input resonant circuit and reduce
any overshoots. A value in the range of 20 µF to 100 µF is usually sufficient to provide input damping and help to
hold the input voltage steady during large load transients.
Sometimes, for other system considerations, an input filter is used in front of the regulator. This can lead to
instability, as well as some of the effects mentioned above, unless it is designed carefully. The user guide AN-
2162 Simple Success With Conducted EMI From DCDC Converters provides helpful suggestions when
designing an input filter for any switching regulator.
In some cases, a transient voltage suppressor (TVS) is used on the input of regulators. One class of this device
has a snap-back characteristic (thyristor type). The use of a device with this type of characteristic is not
recommended. When the TVS fires, the clamping voltage falls to a very low value. If this voltage is less than the
output voltage of the regulator, the output capacitors discharge through the device back to the input. This
uncontrolled current flow can damage the device.
The input voltage must not be allowed to fall below the output voltage. In this scenario, such as a shorted input
test, the output capacitors discharges through the internal parasitic diode found between the VIN and SW pins of
the device. During this condition, the current can become uncontrolled, possibly causing damage to the device. If
this scenario is considered likely, then a Schottky diode between the input supply and the output should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com