Electronic Components Datasheet Search
  English  ▼

X  

LM60430 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM60430
Description  LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM60430 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM60430 Datasheet HTML 19Page - Texas Instruments LM60430 Datasheet HTML 20Page - Texas Instruments LM60430 Datasheet HTML 21Page - Texas Instruments LM60430 Datasheet HTML 22Page - Texas Instruments LM60430 Datasheet HTML 23Page - Texas Instruments LM60430 Datasheet HTML 24Page - Texas Instruments LM60430 Datasheet HTML 25Page - Texas Instruments LM60430 Datasheet HTML 26Page - Texas Instruments LM60430 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
VIN
EN
VCC
AGND
PGND
SW
BOOT
FB
VIN
VOUT
L
CBOOT
COUT
CIN
CVCC
0.1 µF
1 µF
RFBT
RFBB
PG
PG
CHF
100 NŸ
U1
100 NŸ
23
LM60440, LM60430
www.ti.com
SNVSBN5A – FEBRUARY 2020 – REVISED JUNE 2020
Product Folder Links: LM60440 LM60430
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 17. Circuit for Application Curves
Table 4. BOM for Typical Application Curves
VOUT
FREQUENCY
RFBB
COUT
CIN + CHF
L
U1
5 V
400 kHz
24.9 k
2 x 47 µF + 22µF
4.7 µF + 2 × 220 nF
6.8 µH, 20.8 mΩ
LM60440ARPKPR
9.3 EMI
EMI results depend critically on PCB layout and test setup. The results presented here are typical and given for
information purposes only. The EMI filter used is shown in Figure 20. The limit lines shown refer to CISPR25
class 5.
VIN = 13.5 V
VOUT = 5 V
IOUT = 4 A
ƒSW = 400 kHz
WQFN package
Figure 18. Low Frequency Conducted EMI
VIN = 12 V
VOUT = 5 V
IOUT = 4 A
ƒSW = 400 kHz
WQFN package
Figure 19. High Frequency Conducted EMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com