Electronic Components Datasheet Search
  English  ▼

X  

MPC5673K Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC5673K
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5673K Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC5673K Datasheet HTML 1Page - NXP Semiconductors MPC5673K Datasheet HTML 2Page - NXP Semiconductors MPC5673K Datasheet HTML 3Page - NXP Semiconductors MPC5673K Datasheet HTML 4Page - NXP Semiconductors MPC5673K Datasheet HTML 5Page - NXP Semiconductors MPC5673K Datasheet HTML 6Page - NXP Semiconductors MPC5673K Datasheet HTML 7Page - NXP Semiconductors MPC5673K Datasheet HTML 8Page - NXP Semiconductors MPC5673K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 8.1
Introduction
NXP Semiconductors
4
Packages
MAPBGA
257 pins
473 pins
Temperature
Ambient
See the TA recommended operating condition in the device data sheet
1 Sphere of Replication.
2 Does not include Test or Shadow Flash memory space.
3 DSPI_0 and DSPI_1.
4 DSPI_0 has 8 chip selects; DSPI_1 and DSPI_2 have 4 chip selects each.
5 Available only on 473-pin package.
6 Any two of the three I2C can be chosen.
7 LinFlex_0, LinFlex_1, and LinFlex_2.
8 DDR available only on 473 package. Other modules available as follows:
EBI or DDR on 473 package
EBI + PDI on 473 package
DDR + PDI on 473 package
PDI only on 257 package
Table 1. MPC5675K family device comparison (continued)
Features
MPC5673K
MPC5674K
MPC5675K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com